Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN3404 Datasheet(PDF) 19 Page - STMicroelectronics

Part # AN3404
Description  Low power considerations for STM8TL5xxx devices
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3404 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button AN3404 Datasheet HTML 15Page - STMicroelectronics AN3404 Datasheet HTML 16Page - STMicroelectronics AN3404 Datasheet HTML 17Page - STMicroelectronics AN3404 Datasheet HTML 18Page - STMicroelectronics AN3404 Datasheet HTML 19Page - STMicroelectronics AN3404 Datasheet HTML 20Page - STMicroelectronics AN3404 Datasheet HTML 21Page - STMicroelectronics AN3404 Datasheet HTML 22Page - STMicroelectronics AN3404 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 30 page
background image
AN3404
ProxSense and low power modes
Doc ID 018847 Rev 3
19/30
6
ProxSense and low power modes
6.1
Possible CPU low power modes combined with ProxSense
Once a ProxSense acquisition is launched, the CPU and its clock are not needed to perform
the acquisition. Wait modes, entered by a WFE or a WFI instruction, can be used as well as
Active-halt mode by executing a HALT instruction. If WFE is used, either a PXS interrupt or
the PXS event must be enabled but, if WFI or HALT is used then a PXS interrupt must be
enabled. In most cases, the PXS end of completion interrupt is used.
In Active-halt, it is possible to combine the auto-wakeup with the ProxSense. The acquisition
can be time limited by configuring the maximum counter enable register (PXS_MAXENR)
and maximum counter value register (PXS_MAXR).
Activation level (AL bit set in CFG_GCR register) can be used in the case of successive
acquisitions. The AL bit should be reset once the last acquisition has been performed in
order to return to the main processing and take the appropriate action according to the
acquisition results.
6.2
Main factor of the ProxSense acquisition consumption
The best way to reduce consumption of the ProxSense acquisition itself is to decrease the
acquisition time. This can be done by setting the ProxSense in order to get a lower count
when the key is not touched. In the STM8TL5x STMTouch Library, this is done by reducing
the KEY_TARGET_REFERENCE parameter in the touch sensing configuration file. This
must be done carefully as reducing this count also reduces the sensitivity of the touchkey. A
trade-off must be found between the consumption and the sensitivity.
Table 3.
ProxSense compatibility with low power modes
Low power mode
Instruction
Exit by PXS
CPU
HSI
HSI_PXS
SYNCHRO(1)
1.
‘SYNCHRO’ indicates compatibility with the synchronization feature.
Wait
WFE
Yes
Off
Off
On
Yes
WFI
Yes
Off
Off
On
Yes
Active-halt
HALT
Yes
Off
Off
On
No(2)
2.
Once in Active-halt, the synchronization edge cannot be detected by the ProxSense peripheral but, Active-
halt mode can be entered once the acquisition is started. To synchronize with an external signal, the
acquisition must be launched from an external interrupt routine.
Halt
HALT
No
Off
Off
Off
No



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com