Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN3404 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN3404
Description  Low power considerations for STM8TL5xxx devices
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3404 Datasheet(HTML) 5 Page - STMicroelectronics

  AN3404 Datasheet HTML 1Page - STMicroelectronics AN3404 Datasheet HTML 2Page - STMicroelectronics AN3404 Datasheet HTML 3Page - STMicroelectronics AN3404 Datasheet HTML 4Page - STMicroelectronics AN3404 Datasheet HTML 5Page - STMicroelectronics AN3404 Datasheet HTML 6Page - STMicroelectronics AN3404 Datasheet HTML 7Page - STMicroelectronics AN3404 Datasheet HTML 8Page - STMicroelectronics AN3404 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
AN3404
Power consumption factors
Doc ID 018847 Rev 3
5/30
Consequently, power consumption depends on:
●
The microcontroller unit (MCU) chip size
This includes the technology used, the number of transistors, and the analog
features/peripherals embedded and used in the application.
●
The MCU supply voltage
The amount of current used in CMOS logic is directly proportional to the square of the
power supply voltage (V²). Thus, power consumption may be reduced by lowering the
MCU supply voltage. This is less critical for STM8TL5xxx devices than for other
microcontrollers, as an internal voltage regulator is used. However, the MCU supply
voltage could have an impact on the remaining components on the board.
●
The clock frequency
Power consumption may be reduced by decreasing the clock frequency when fast
processing is not required by the application.
●
The number of active peripherals or MCU features used (such as timers,
communication peripherals, watchdogs, ProxSense, etc.)
The greater the number of active peripherals or features, the greater the amount of
power consumed.
●
The operating mode
Power consumption depends on which mode a particular application is running
(example: central processing unit (CPU) on/off, oscillator on/off). For an application
powered by a battery, the consumption is very important. Usually, the average
consumption should be below a certain target value to ensure an optimum battery
lifetime. This means that an application can consume more for short periods of time
and keep its average current consumption below the target value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com