Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN3960 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN3960
Description  ESD considerations for touch sensing applications
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3960 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN3960 Datasheet HTML 3Page - STMicroelectronics AN3960 Datasheet HTML 4Page - STMicroelectronics AN3960 Datasheet HTML 5Page - STMicroelectronics AN3960 Datasheet HTML 6Page - STMicroelectronics AN3960 Datasheet HTML 7Page - STMicroelectronics AN3960 Datasheet HTML 8Page - STMicroelectronics AN3960 Datasheet HTML 9Page - STMicroelectronics AN3960 Datasheet HTML 10Page - STMicroelectronics AN3960 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
AN3960
Risks of ESD
Doc ID 022082 Rev 1
7/21
2.2
Standards overview
Standards exist for the following reasons:
●
To reproduce well-defined tests in terms of their setup (bench size, type of isolating
area) and conditions (such as temperature and pressure)
●
To eliminate misunderstandings between manufacturers and purchasers
●
To facilitate interchangeability and improvement of products
●
To assist the purchaser in selecting and obtaining the appropriate product for his
particular needs.
None of these reasons are paramount. Each depends on the needs of the customer who
must also discuss with his purchaser.
The subsections below provide an overview of the more important ESD standards.
2.2.1
JS-001-2010 international standard
The ESD association and JEDEC solid state technology association have established a joint
standard procedure for testing, evaluating, and classifying components and microcircuits
according to their susceptibility to damage or degradation by exposure to a defined HBM
ESD (1.5 k
Ω, 100 pF and 8 kV).
2.2.2
SP723 EIAJ IC121 standard
The SP723 EIAJ IC121 MM standard is for ensuring that the ESD capability is typically
greater than 2 kV (from 200 pF) with no serial resistor. For this standard, RD and CD of
Figure 1 are respectively 0
Ωand 200 pF.
2.2.3
IEC61000-4-2 international standard
The IEC61000-4-2 standard for ESD protection is
±15 kV for air and ±8 kV for contact. The
typical waveform of the output current of the ESD generator is described in Figure 2. For this
standard, RD and CD of Figure 1 are respectively 330 Ωand 150 pF. This standard is more
accurate for performing tests at system level rather than at electronic device level.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com