Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN3960 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN3960
Description  ESD considerations for touch sensing applications
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3960 Datasheet(HTML) 5 Page - STMicroelectronics

  AN3960 Datasheet HTML 1Page - STMicroelectronics AN3960 Datasheet HTML 2Page - STMicroelectronics AN3960 Datasheet HTML 3Page - STMicroelectronics AN3960 Datasheet HTML 4Page - STMicroelectronics AN3960 Datasheet HTML 5Page - STMicroelectronics AN3960 Datasheet HTML 6Page - STMicroelectronics AN3960 Datasheet HTML 7Page - STMicroelectronics AN3960 Datasheet HTML 8Page - STMicroelectronics AN3960 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
AN3960
What is ESD ?
Doc ID 022082 Rev 1
5/21
1
What is ESD ?
ESD is the sudden and momentary electric current that flows between two objects at
different electrical potentials.
ESD immunity is a category of electromagnetic compatibility (EMC) - the branch of electrical
sciences which studies the unintentional generation, propagation and reception of
electromagnetic energy with reference to its unwanted effects.
EMC describes the ability of a piece of equipment or a system to function satisfactorily in its
electromagnetic environment without introducing intolerable electromagnetic disturbances
to anything in that environment.
1.1
Causes of ESD
One of the causes of ESD events is static electricity. Static electricity is often generated
through the separation of electric charges when two materials are brought into contact and
then separated, for example, rubbing a plastic comb against dry hair, removing some types
of plastic packaging. In these cases, the friction between two materials creates a difference
of electrical potential that can lead to an ESD stress.
Another cause of ESD damage is through electrostatic induction. This occurs when an
electrically charged object is placed near a conductive object isolated from ground. The
presence of the charged object creates an electrostatic field that causes electrical charges
on the surface of the other object to redistribute. Even though the net electrostatic charge of
the object has not changed, it now has regions of excess positive and negative charges. An
ESD stress may occur when the object comes into contact with a conductive path. For
example, charged regions on the surfaces of styrofoam cups or plastic bags can induce
potential on nearby ESD sensitive components via electrostatic induction and an ESD
stress may occur if the component is touched with a metallic tool.
2
Risks of ESD
ESD is a serious issue in solid state electronics, such as integrated circuits (ICs). ICs are
made from semiconductor materials such as silicon and insulating materials like silicon
dioxide. Either of these materials can suffer permanent damage when subjected to high
voltages.
The damaging effects of ESD poses unacceptable risks in many areas of technology and it
is necessary to control such interference and reduce the risks to acceptable levels through
the:
●
Simulation and testing of electronic devices using models
●
Definition of standards



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com