| Electronic Components Datasheet Search |
|
PM0051 Datasheet(PDF) 17 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
PM0051 Datasheet(HTML) 17 Page - STMicroelectronics |
|
17 / 27 page ![]() PM0051 Programming STM8 Flash microcontrollers Doc ID 14614 Rev 3 17/27 The programming mode is selected through two complementary registers, FLASH_CR2 and FLASH_NCR2. The memory must be unlocked before performing any of these operations. Block program operations can be performed both to main program memory and DATA area: ● Programming a block of main program memory: The block program operation has to be executed totally from RAM. The program execution continues from RAM. If the program goes back to main program memory, it is stalled until the block program operation is complete. ● Programming a block of data EEPROM with RWW capability: The block program operation can be executed from main program memory. However the data loading phase has to be executed from RAM (see below). Normal program execution can continue from main program memory, after checking the HVOFF bit in the FLASH_IAPSR register. ● Programming a block of data EEPROM on devices without RWW capability: The block program operation must be executed totally from RAM. The programming can also be performed directly through the SWIM interface. In this case, it is recommended to stall the device in order to prevent the core from accessing the Flash program memory during the block program or erase operation. This can be done by setting the STALL bit in the DM_CSR2 debug module register. Refer to the STM8 SWIM communication protocol and debug module (UM0470) for more information. Caution: During a block program or erase operation, it is recommended to avoid executing instructions performing a read access to program memory. Caution: If the number of written memory locations is higher than what is required in the block program/erase sequence, the additional locations are handled as redundant byte write operations. If the number of written memory locations is lower than what is specified in the block program/erase sequence, the block program/erase process does not start and the CPU stalls waiting for the remaining operations to be performed. Caution: EOP and WR_PG_DIS bits of FLASH_IAPSR register are automatically cleared when a program/erase operation starts. Caution: If a block program or erase sequence is interrupted by a reset, the data programmed in the memory may be corrupted. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |