Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PM0051 Datasheet(PDF) 25 Page - STMicroelectronics

Part # PM0051
Description  How to program STM8S and STM8A Flash program memory and data EEPROM
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0051 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button PM0051 Datasheet HTML 19Page - STMicroelectronics PM0051 Datasheet HTML 20Page - STMicroelectronics PM0051 Datasheet HTML 21Page - STMicroelectronics PM0051 Datasheet HTML 22Page - STMicroelectronics PM0051 Datasheet HTML 23Page - STMicroelectronics PM0051 Datasheet HTML 24Page - STMicroelectronics PM0051 Datasheet HTML 25Page - STMicroelectronics PM0051 Datasheet HTML 26Page - STMicroelectronics PM0051 Datasheet HTML 27Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 25 / 27 page
background image
PM0051
Flash program memory and data EEPROM comparison
Doc ID 14614 Rev 3
25/27
4.6.2
IAP method
Refer to application note AN2737- Basic in-application programming example using the
STM8 I2C and SPI peripherals.
5
Flash program memory and data EEPROM
comparison
Table 9 shows the comparison between STM8S and STM8A microcontroller devices.
Table 9.
Comparison between STM8S and STM8A devices
Feature
Low density STM8S
Medium density STM8S
and STM8A
High density
STM8S and
STM8A
Memory
Block size
64B
128B
128B
Page size
1 block (64B)
4 blocks (512B)
4 blocks (512B)
Flash program memory
Up to 8 KB
16 to 32 KB (STM8S)
8 to 32 KB (STM8A)
From 32 to 128 KB
Data EEPROM
Additional 640B located in the same memory
array as Flash program
Fixed size
1 KB (STM8S)
384B to 1 KB (STM8A)
located in separate memory
array
Fixed size
1 to 2 KB located in
separate memory
array
Fixed size
User boot code (UBC)
YES - size configurable by option byte
Bootloader
NO
YES
Option bytes
Programmable in ICP/SWIM, user/IAP
Stored twice (normal+complemented value)
2 memory dedicated option bytes (ROP, UBC)
Programmable in ICP/SWIM, user/IAP/ Bootloader
Stored twice (normal+complemented value)
2 memory dedicated option bytes (ROP, UBC)
Programming/erasing features
Read-while-write
(RWW)
NO(1)
YES
Block programming (fast
and standard)(2)
Word programming(2)
Byte programming(2)
Block Erase(2)(3)
YES
Flash control registers
FLASH_NCR2, FLASH_CR2 containing complementary values
1.
The read-while-write (RWW) feature is not available on the 4-8 Kbyte STM8S because data EEPROM and Flash program
memory are located in the same memory array.
2.
Block program/erase sequence must be executed from RAM.
3.
Any word in the block programmed to 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com