Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TN0047 Datasheet(PDF) 2 Page - STMicroelectronics

Part # TN0047
Description  The purpose of this technical
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TN0047 Datasheet(HTML) 2 Page - STMicroelectronics

  TN0047 Datasheet HTML 1Page - STMicroelectronics TN0047 Datasheet HTML 2Page - STMicroelectronics TN0047 Datasheet HTML 3Page - STMicroelectronics TN0047 Datasheet HTML 4Page - STMicroelectronics TN0047 Datasheet HTML 5Page - STMicroelectronics TN0047 Datasheet HTML 6Page - STMicroelectronics TN0047 Datasheet HTML 7Page - STMicroelectronics TN0047 Datasheet HTML 8Page - STMicroelectronics TN0047 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
ST partners’ library label delivery forms
TN0047 - Technical note
2/9
1
ST partners’ library label delivery forms
STMicroelectronics sells the LRI2K in wafer form to its partners who can then package it in
different fashions as shown below.
Figure 1.
Possible library label forms
50 × 50 mm
45 × 75 mm
35 mm diameter
ST partners’ delivery forms



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com