Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TN0047 Datasheet(PDF) 3 Page - STMicroelectronics

Part # TN0047
Description  The purpose of this technical
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TN0047 Datasheet(HTML) 3 Page - STMicroelectronics

  TN0047 Datasheet HTML 1Page - STMicroelectronics TN0047 Datasheet HTML 2Page - STMicroelectronics TN0047 Datasheet HTML 3Page - STMicroelectronics TN0047 Datasheet HTML 4Page - STMicroelectronics TN0047 Datasheet HTML 5Page - STMicroelectronics TN0047 Datasheet HTML 6Page - STMicroelectronics TN0047 Datasheet HTML 7Page - STMicroelectronics TN0047 Datasheet HTML 8Page - STMicroelectronics TN0047 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
TN0047 - Technical note
Memory mapping
3/9
2
Memory mapping
The LRI2K integrates a true standardized EAS (electronic article surveillance) function
based on the AFI/EAS register. The EAS function serves anti-theft purposes. It is activated
and deactivated using ISO standard commands.
As shown in Table 1, the LRI2K is divided into two memory areas, one that stores user data,
the other that contains configuration data.
User data memory area
The user data memory area is further divided up into 64 blocks of 32 bits each. Each user
memory block can be individually write-protected using a standard Lock command. The
user data memory blocks are always accessible in Read mode. Write commands issued to
user data memory blocks are accepted if the blocks are not write-protected.
Using the 2048 user memory bits, the LRI2K supports EPC code storage with a length of up
to 256 bits.
Configuration data memory area
The Configuration data memory area stores:
●
a 64-bit unique identifier (UID)
●
a 32-bit Kill password used for data privacy protection
●
an 8-bit AFI/EAS register containing the application family identifier and the EAS bit
●
an 8-bit DSFID register containing the data storage format identifier used by the
anticollision algorithm.
The unique identifier (UID) of the LRI2K, set by ST, is compliant with the ISO 15963
description. Its value is used during the anti-collision sequence (Inventory) and cannot be
changed.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com