Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UM0224 Datasheet(PDF) 7 Page - STMicroelectronics

Part # UM0224
Description  STR75x Demonstration Software
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0224 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button UM0224 Datasheet HTML 3Page - STMicroelectronics UM0224 Datasheet HTML 4Page - STMicroelectronics UM0224 Datasheet HTML 5Page - STMicroelectronics UM0224 Datasheet HTML 6Page - STMicroelectronics UM0224 Datasheet HTML 7Page - STMicroelectronics UM0224 Datasheet HTML 8Page - STMicroelectronics UM0224 Datasheet HTML 9Page - STMicroelectronics UM0224 Datasheet HTML 10Page - STMicroelectronics UM0224 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
STR75x demonstration software
Running the demonstrations
7/34
2
Running the demonstrations
2.1
Menu
Figure 2.
Structure of the demonstration Menus
ST Logo + Promotion Speech wave
Calendar
Time
Time Adjust
Date
Alarm
Low Power Mode
Standby
Exit: RTC Alarm
Exit: WAKEUP Pin
RUN
60 MHz
56 MHz
48 MHz
4 MHz
Period Measure
Bord Self Test
Start Test
Test Report
Voice recorder
Wave Player
STOP
Exit: EXTIT/NCKD
Exit: Alarm/NCKD
Voice REC Start
Play
Stop
Play
Stop
Recorded Wave
Promotion Speech
Start Acquire
Date Adjust
Alarm Adjust
Time Show
Date Show
Alarm Show
Main Menu
Help
USB Mouse Demo
Start
Properties
About
Play
Stop
OSIRIS
Properties



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com