Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UM0224 Datasheet(PDF) 5 Page - STMicroelectronics

Part # UM0224
Description  STR75x Demonstration Software
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0224 Datasheet(HTML) 5 Page - STMicroelectronics

  UM0224 Datasheet HTML 1Page - STMicroelectronics UM0224 Datasheet HTML 2Page - STMicroelectronics UM0224 Datasheet HTML 3Page - STMicroelectronics UM0224 Datasheet HTML 4Page - STMicroelectronics UM0224 Datasheet HTML 5Page - STMicroelectronics UM0224 Datasheet HTML 6Page - STMicroelectronics UM0224 Datasheet HTML 7Page - STMicroelectronics UM0224 Datasheet HTML 8Page - STMicroelectronics UM0224 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 34 page
background image
STR75x demonstration software
Functional description
5/34
1.1
Power Control
The evaluation board is powered by an external 5V supply all other required voltage are
provided by on-board voltage regulators.
1.2
Clocking
Three clock sources are available on STR75x-EVAL evaluation board for STR750Fx, USB
and RTC:
●
32 kHz Crystal for embedded RTC.
●
4 MHz Crystal for STR750Fx.
●
48 MHz Oscillator for USB.
1.3
Reset control
The Reset can be generated by hardware or software sources:
●
Reset button: activates the RESET input when pressed.
●
A JTAG reset
1.4
Debug JTAG interface
Software debug is done via the standard ARM JTAG connection: 20 pins IDC to connect to
the standard ARM host interface.
1.5
Displays and input devices
1.5.1
LCD
122x32 graphic LCD display connected to GPIOs.
1.5.2
LED
4 general purpose LED’s are available as display device.
1.5.3
Joystick
4-direction joystick with selection key.
1.6
Interfaces
1.6.1
RS232
The STR75x evaluation board (STR75x-EVAL) provides three on-board RS-232 serial ports.
Two channels, UART1 and UART2, use one RS-232 transceiver U12.
For the UART0 with handshake signal support, it uses another RS-232 transceiver.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com