Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UM0238 Datasheet(PDF) 17 Page - STMicroelectronics

Part # UM0238
Description  STR91x demonstration software
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0238 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button UM0238 Datasheet HTML 12Page - STMicroelectronics UM0238 Datasheet HTML 13Page - STMicroelectronics UM0238 Datasheet HTML 14Page - STMicroelectronics UM0238 Datasheet HTML 15Page - STMicroelectronics UM0238 Datasheet HTML 16Page - STMicroelectronics UM0238 Datasheet HTML 17Page - STMicroelectronics UM0238 Datasheet HTML 18Page - STMicroelectronics UM0238 Datasheet HTML 19Page - STMicroelectronics UM0238 Datasheet HTML 20Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
STR91x demonstration software
Running the demonstrations
17/20
This sub-menu is used to configure the USB cell to communicate with the PC and run the
mouse demo using the joystick push-buttons.
If "SEL" pressed the following message is displayed on the LCD screen:
For this sub-menu you have to connect an USB cable between the USB connector type B
(CN3) and the PC. The previous message will remain displayed on the LCD screen until the
cable plugin.
Once the cable is connected, the following message is displayed on the LCD screen:
Move the joystick and the PC cursor will move corresponding to the joystick push-button.
To exit from this sub-menu press "SEL".
2.4.4
Webserver demo
The STR91x microcontroller provides a DMA/MAC controller for Ethernet communication.
This demo shows a webserver application, based on the uIP v0.9 TCP/IP stack.
The following sub-menu is used to start the Ethernet webserver demo:
If "SEL" is pressed the following message is displayed on the LCD screen:
Start
USB Mouse Demo
Plug the USB
Cable
Move the JoyStick
To Stop Press SEL
Start
Webserver Demo
Webserver Started
Press UP to exit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com