Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UM0238 Datasheet(PDF) 5 Page - STMicroelectronics

Part # UM0238
Description  STR91x demonstration software
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0238 Datasheet(HTML) 5 Page - STMicroelectronics

  UM0238 Datasheet HTML 1Page - STMicroelectronics UM0238 Datasheet HTML 2Page - STMicroelectronics UM0238 Datasheet HTML 3Page - STMicroelectronics UM0238 Datasheet HTML 4Page - STMicroelectronics UM0238 Datasheet HTML 5Page - STMicroelectronics UM0238 Datasheet HTML 6Page - STMicroelectronics UM0238 Datasheet HTML 7Page - STMicroelectronics UM0238 Datasheet HTML 8Page - STMicroelectronics UM0238 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
STR91x demonstration software
Functional description
5/20
1.1
Power control
STR910-EVAL evaluation board is designed to be powered by a 5V DC power supply. You
can configure the evaluation board to use any of the following three power sources:
●
5V DC power adapter connected to the power supply jack (marked CN2, or PSU for
Power Supply Unit on the silk screen).
●
5V DC power with 500mA limitation via the USB type-B connector (marked CN3, or
USB on the silk screen).
●
5V DC power from the daughter board extension connectors (marked CN5 and
CN6, DTB for Daughter Board on the silk-screen).
For more details, please refer to the power supply section on the STR910-EVAL Evaluation
Board user manual.
1.2
Clocking
Four clock sources are available on STR910-EVAL evaluation board for the microcontroller,
USB, RTC and Ethernet PHY transceiver:
●
X1- 25 MHz crystal for the STR91xF microcontroller
●
X2- 32 kHz crystal for the embedded RTC
●
X3- 25 MHz crystal for Ethernet PHY transceiver U15
●
U12- 48 MHz oscillator for USB
1.3
Reset control
The reset signal of STR910-EVAL evaluation board is low active.
The reset sources include:
●
Power On Reset from STM1001 (U7)
●
Reset button (PB2)
●
Debugging tools via the CN9 or CN7 connector
●
Daughter board via the CN6 connector
1.4
Development and debugging
The STR910-EVAL evaluation board supports connection to both In-Circuit Emulators (ICE)
via a 20-pin standard JTAG interface (CN9) and Trace tools via a 38-pin Embedded Trace
Macrocell (ETM) interface (CN7).
1.5
Displays and input devices
1.5.1
LCD
32x122 graphic LCD display connected to GPIOs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com