Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UM0501 Datasheet(PDF) 7 Page - STMicroelectronics

Part # UM0501
Description  This document describes
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0501 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button UM0501 Datasheet HTML 3Page - STMicroelectronics UM0501 Datasheet HTML 4Page - STMicroelectronics UM0501 Datasheet HTML 5Page - STMicroelectronics UM0501 Datasheet HTML 6Page - STMicroelectronics UM0501 Datasheet HTML 7Page - STMicroelectronics UM0501 Datasheet HTML 8Page - STMicroelectronics UM0501 Datasheet HTML 9Page - STMicroelectronics UM0501 Datasheet HTML 10Page - STMicroelectronics UM0501 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
UM0501
Demonstration applications
Doc ID 14320 Rev 3
11/23
UP: Press the joystick UP to exit this demo.
KEY: Press KEY repeatedly to enable the output of each converted value option in turn.
LCD only
LCD+Buzzer
LCD+USART1
LCD+USART2
LCD+USART1+USART2
LCD+USART1+USART2+Buzzer
LCD only
etc...
2.5
ADC demo 2
This is the same as ADC demo 1, except that the CN3 connector on the evaluation board is
used to enter the analog voltage to be converted.
UP: Press the joystick UP to exit this demo.
KEY: Press KEY to enable/disable output values on USART1, USART2 and buzzer as
described in the previous section.
2.6
ADC demo 3
This is the same as ADC demo 1 and ADC demo 2, except that the microphone (U8) is
used.
Note:
The JP5 jumper must be installed for this demo to work.
A first message is displayed with a few seconds delay with all LEDs OFF (see Figure 7).
Figure 7.
ADC demo 3 message
After 3 “noises” are heard, the demo starts and the LCD displays the same messages as in
ADC demo 1 and demo 2.
UP: Press the joystick UP to exit this demo.
KEY: Press KEY to enable/disable output values on USART1, USART2 and buzzer.
Note:
If no sound is detected, you can adjust the microphone level using the RV3 potentiometer.
You can also make a sound by touching the microphone.
Clap 3 times
to wake me up



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com