Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UM0501 Datasheet(PDF) 9 Page - STMicroelectronics

Part # UM0501
Description  This document describes
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0501 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button UM0501 Datasheet HTML 5Page - STMicroelectronics UM0501 Datasheet HTML 6Page - STMicroelectronics UM0501 Datasheet HTML 7Page - STMicroelectronics UM0501 Datasheet HTML 8Page - STMicroelectronics UM0501 Datasheet HTML 9Page - STMicroelectronics UM0501 Datasheet HTML 10Page - STMicroelectronics UM0501 Datasheet HTML 11Page - STMicroelectronics UM0501 Datasheet HTML 12Page - STMicroelectronics UM0501 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
UM0501
Demonstration applications
Doc ID 14320 Rev 3
13/23
2.8
PWM demo 1
This mode demonstrates the Timer peripheral operating in PWM mode. Make sure that the
JP14 jumper is installed in the bottom position (closer to the LCD).
1.
Entering the melody (see Figure 11):
The first LCD line shows the position of the note to enter.
o = Edit mode, the note is selected by using the RV1 potentiometer.
x = Protect mode, the note cannot be changed.
The second LCD line shows the notes to be played with the following convention:
a/A = LA
b/B = SI
c/C = DO
d/D = RE
e/E = MI
f/F = FA
g/G = SOL
s/S = silence or pause
A lowercase letter represent a brief note, and an uppercase letter a long note.
To modify a note, press the joystick LEFT or RIGHT to navigate the notes, and use the
RV1 potentiometer. Then press SEL to confirm.
Once all the notes have been defined, enter an end mark to play the melody.
* = End of notes, the melody is played only once.
8 = End of melody, the melody is played in a loop with varying octaves and note
durations.
Figure 11.
Defining the melody to be played
2.
Playing and saving the melody
●
Press SEL on the joystick to play the tune indefinitely.
●
Press the joystick UP to stop the melody.
Note:
Keep the joystick pressed UP for a short time to allow the action to be taken into account.
●
The second time UP is pressed, a message is displayed asking you whether you want
to save the melody or not (see Figure 12).
a)
If you press the KEY button, the melody is saved in the external EEPROM.
b)
If you press UP on the joystick, you exit from the demo without saving the melody.
o
aaaBBBccdEE*



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com