Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPD70F3003A Datasheet(PDF) 24 Page - NEC

Part # UPD70F3003A
Description  V853TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLER
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD70F3003A Datasheet(HTML) 24 Page - NEC

Back Button UPD70F3003A Datasheet HTML 20Page - NEC UPD70F3003A Datasheet HTML 21Page - NEC UPD70F3003A Datasheet HTML 22Page - NEC UPD70F3003A Datasheet HTML 23Page - NEC UPD70F3003A Datasheet HTML 24Page - NEC UPD70F3003A Datasheet HTML 25Page - NEC UPD70F3003A Datasheet HTML 26Page - NEC UPD70F3003A Datasheet HTML 27Page - NEC UPD70F3003A Datasheet HTML 28Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 44 page
background image
µPD70F3003A, 70F3025A
24
Data Sheet U13189EJ3V0DS00
(6) Write timing (1/2)
Parameter
Symbol
Condition
25 MHz Model
33 MHz Model
Unit
MIN.
MAX.
MIN.
MAX.
CLKOUT
↑→ address delay time
<20>
tDKA
3
20
3
20
ns
CLKOUT
↑→ R/W, UBEN, LBEN delay time <78> tDKA2
–2
+13
–2
+13
ns
CLKOUT
↓→ ASTB delay time
<22>
tDKST
3
15
3
15
ns
CLKOUT
↑→ DSTB delay time
<23>
tDKD
3
15
3
15
ns
WAIT setup time (vs. CLKOUT
↓)
<26>
tSWTK
55
ns
WAIT hold time (vs. CLKOUT
↓)
<27>
tHKWT
55
ns
Address hold time (vs. CLKOUT
↑) <28> tHKA
00
ns
Address setup time (vs. ASTB
↓)
<29>
tSAST
–40
°C ≤ TA ≤ +70°C 0.5 T – 10
0.5 T – 10
ns
70
°C < TA ≤ 85°C
0.5 T – 12
0.5 T – 12
ns
Address hold time (vs. ASTB
↓)
<30>
tHSTA
0.5 T – 10
0.5 T – 10
ns
ASTB
↓→ DSTB ↓ delay time
<34>
tDSTD
0.5 T – 10
0.5 T – 10
ns
DSTB
↑→ ASTB ↑ delay time
<37>
tDDSTH
0.5 T – 10
0.5 T – 10
ns
DSTB width, low
<39>
tWDL
–40
°C ≤ TA ≤ +70°C (1 + n) T – 10
(1 + n) T – 10
ns
70
°C < TA ≤ 85°C
(1 + n) T – 13
(1 + n) T – 13
ns
ASTB width, high
<40>
tWSTH
T – 10
T – 10
ns
WAIT setup time (vs. address)
<41>
tSAWT1
n
≥ 1, –40°C ≤ TA ≤ +70°C
1.5 T – 20
1.5 T – 20
ns
n
≥ 1, 70°C < TA ≤ 85°C
1.5 T – 24
1.5 T – 24
ns
<42>
tSAWT2
n
≥ 1, –40°C ≤ TA ≤ +70°C
(1.5 + n) T – 20
(1.5 + n) T – 20
ns
n
≥ 1, 70°C < TA ≤ 85°C
(1.5 + n) T – 24
(1.5 + n) T – 24
ns
WAIT hold time (vs. address)
<43>
tHAWT1
n
≥ 1
(0.5 + n) T
(0.5 + n) T
ns
<44>
tHAWT2
n
≥ 1
(1.5 + n) T
(1.5 + n) T
ns
WAIT setup time (vs. ASTB
↓)
<45>
tSSTWT1
n
≥ 1, –40°C ≤ TA ≤ +70°C
T – 18
T – 18
ns
n
≥ 1, 70°C < TA ≤ 85°C
T – 20
T – 20
ns
<46>
tSSTWT2
n
≥ 1
(1 + n) T – 15
(1 + n) T – 15
ns
WAIT hold time (vs. ASTB
↓)
<47>
tHSTWT1
n
≥ 1nT
nT
ns
<48>
tHSTWT2
n
≥ 1
(1 + n) T
(1 + n) T
ns
CLKOUT
↑→ data output delay time <49> tDKOD
–40
°C ≤ TA ≤ +70°C
20
20
ns
70
°C < TA ≤ 85°C
23
23
ns
DSTB
↓→ data output delay time
<50>
tDDOD
10
10
ns
Data output hold time (vs. CLKOUT
↑) <51> tHKOD
00
ns
Data output setup time (vs. DSTB
↑)
<52>
tSODD
(1 + n) T – 15
(1 + n) T – 15
ns
Data output hold time (vs. DSTB
↑) <53> tHDOD
T – 10
T – 10
ns
Remarks 1. T = tCYK
2. n indicates the number of wait clocks inserted in the bus cycle. The sampling timing differs when
the programmable wait state is inserted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com