Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPD70F3003A Datasheet(PDF) 19 Page - NEC

Part # UPD70F3003A
Description  V853TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLER
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD70F3003A Datasheet(HTML) 19 Page - NEC

Back Button UPD70F3003A Datasheet HTML 15Page - NEC UPD70F3003A Datasheet HTML 16Page - NEC UPD70F3003A Datasheet HTML 17Page - NEC UPD70F3003A Datasheet HTML 18Page - NEC UPD70F3003A Datasheet HTML 19Page - NEC UPD70F3003A Datasheet HTML 20Page - NEC UPD70F3003A Datasheet HTML 21Page - NEC UPD70F3003A Datasheet HTML 22Page - NEC UPD70F3003A Datasheet HTML 23Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 44 page
background image
µPD70F3003A, 70F3025A
19
Data Sheet U13189EJ3V0DS00
(1) Clock timing
Parameter
Symbol
Condition
25 MHz Model
33 MHz Model
Unit
MIN.
MAX.
MIN.
MAX.
X1 input cycle
<1>
tCYX
Direct mode
20
Note 1
15
Note 1
ns
PLL mode
200
Note 1
151
Note 1
ns
(PLL lock status)
X1 input width, high
<2>
tWXH
Direct mode
7
6
ns
PLL mode
80
60
ns
X1 input width, low
<3>
tWXL
Direct mode
7
6
ns
PLL mode
80
60
ns
X1 input rise time
<4>
tXR
Direct mode
7
7
ns
PLL mode
15
10
ns
X1 input fall time
<5>
tXF
Direct mode
7
7
ns
PLL mode
15
10
ns
CPU operating frequency
—
φ
Note 2
25
Note 2
33
MHz
CLKOUT output cycle
<6>
tCYK
40
Note 3
30
Note 3
ns
CLKOUT width, high
<7>
tWKH
0.5 T – 5
0.5 T – 5
ns
CLKOUT width, low
<8>
tWKL
0.5 T – 5
0.5 T – 5
ns
CLKOUT rise time
<9>
tXR
55
ns
CLKOUT fall time
<10>
tXF
55
ns
X1
↓→ CLKOUT delay time
<11>
tDXK
Direct mode
3
17
3
17
ns
Notes 1. When A/D converter used: 100 ns
When A/D converter not used: 250 ns
2. When A/D converter used: 5 MHz
When A/D converter not used: 2 MHz
3. When A/D converter used: 200 ns
When A/D converter not used: 500 ns
Remark
T = tCYK
<1>
<2>
<4>
<11>
<5>
<6>
<7>
<9>
<10>
<8>
<3>
X1 (input)
CLKOUT (output)
<11>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com