Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN4016 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN4016
Description  2 kW PPA for ISM applications
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4016 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN4016 Datasheet HTML 3Page - STMicroelectronics AN4016 Datasheet HTML 4Page - STMicroelectronics AN4016 Datasheet HTML 5Page - STMicroelectronics AN4016 Datasheet HTML 6Page - STMicroelectronics AN4016 Datasheet HTML 7Page - STMicroelectronics AN4016 Datasheet HTML 8Page - STMicroelectronics AN4016 Datasheet HTML 9Page - STMicroelectronics AN4016 Datasheet HTML 10Page - STMicroelectronics AN4016 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
AN4016
Layout, parts list, and design considerations
Doc ID 022523 Rev 1
7/17
3
Layout, parts list, and design considerations
As mentioned previously (see Figure 3), the amplifier is built with separated input-output
PCB cards:
a)
The input PCB, as shown in Figure 5, integrates the RF balun transformer, T1,
together with the RF decoupling networks.
b)
The output PCB, see Figure 7, however, relates to the design of the RF
transformer, T2, with the remaining biasing/filtering networks for the gates and
drains of STAC4932B.
An image of the assembled board is shown in Figure 1, while Table 1 gives the part list.
Figure 4, shows the final assembled board on the copper carrier and heatsink: board
robustness is an important factor in order to ensure electrical stability to manage very high
RF power.
The PCB cards are built in substrate Roger 4350B, in order to reduce dielectric losses
through the Joule effect (50 to 100 W less when compared to FR4 @ 2 kW), and in
particular to maintain thermal expansion compatibility with the copper carrier. Another
aspect of this rigid thermoset laminate allows the creation of a PCB with very good surface
finish, planarity and roughness, which are compatible with copper carrier surfaces that
support it. In fact, a carefully finished PCB surface is recommended: HAL LF with tinned
chemical deposition.
Moreover, accurate mounting procedures need to avoid bending/dirt that can compromise
the planarity of PCB cards.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com