Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN4016 Datasheet(PDF) 3 Page - STMicroelectronics

Part # AN4016
Description  2 kW PPA for ISM applications
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4016 Datasheet(HTML) 3 Page - STMicroelectronics

  AN4016 Datasheet HTML 1Page - STMicroelectronics AN4016 Datasheet HTML 2Page - STMicroelectronics AN4016 Datasheet HTML 3Page - STMicroelectronics AN4016 Datasheet HTML 4Page - STMicroelectronics AN4016 Datasheet HTML 5Page - STMicroelectronics AN4016 Datasheet HTML 6Page - STMicroelectronics AN4016 Datasheet HTML 7Page - STMicroelectronics AN4016 Datasheet HTML 8Page - STMicroelectronics AN4016 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
AN4016
Design choices
Doc ID 022523 Rev 1
3/17
1
Design choices
The main objectives of the 2 kW power amplifier design are board compactness (100 x 150
mm), full SMT technology, and to avoid the use of ferromagnetic components and coaxial
transmission line transformers.
In summary, see circuit diagram in Figure 3, the power amplifier uses double push-pull bolt-
down devices, 2 x STAC4932B (see Figure 2) operate in Class AB. The two STACs are
driven in push-pull through the transformer T1 together with two in-phase power splitters:
this choice seems to be the best topology layout in terms of circuit size and mechanical
compactness. Moreover, as the temperature coefficient of MOSFET channel resistance is
positive, this makes a short-circuit possible in each pair of STAC4932B drains.
Figure 2.
STAC244B bolt-down package
Figure 3.
STEVAL-IMR002V1 circuit diagram
P1_RF INPUT
SMA_Female
P2_RF OUTPUT
N_Female
GND
GND
Q3
Q4
Q2
Q1
GND
GND
C31
C32
GND
R13
C9
C14
GND
GND
+
C6
GND
C21
C40
R4
C18
R6
R8
R10
R12
R14
R15
C41
GND
R19
R20
R21
R25
R26
R27
GND
VCC
+
C13
+
C12
GND
GND
C23
C28
C30
GND
R17
R22
R3
Vg1
C34
C16
GND
+
C3
GND
GND
L2
C7
C10
GND
GND
+
C15
GND
R7
C8
C11
GND
GND
C17
T1
T2
L14
L3
R30
R1
C57
GND
GND
C58
L5
R24
Vg2
C48
+
C47
GND
GND
L13
C49
C52
GND
GND
+
C51
GND
R29
C50
C53
GND
GND
L15
GND
L10
L8
L16
L12
L4
GND
C2
GND
R11
R16
C24
GND
C20
C36
C45
R31
C55
GND
GND
GND
GND
GND
R28
R5
R9
GND
GND
C33
C37
C26
C25
Rm
(~5 V typ)
(~5 V typ.)
(+100 V)
D1
LED
R32
GND
R33
GND
R34
R35
GND
C60
C59
C61
C63
C62
C64
VBIAS_1
VBIAS_1
VBIAS_1
VBIAS_2
VBIAS_2
VBIAS_2
GND
GND
Rm
GND
GND
C29
GND
GND
C42
J1
J2
J3
GND
Line_Bridge
GND
GND
1
2
3
CON3
1
2
3
CON3
Vg1
GND
GND
Vg2
CON1
CON1
GND
Input Board 3 layer
Output Board 2 layer
C4
AM10220V1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com