Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RM0312 Datasheet(PDF) 71 Page - STMicroelectronics

Part # RM0312
Description  STM8TL5xxx microcontroller family
PDF  275 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0312 Datasheet(HTML) 71 Page - STMicroelectronics

Back Button RM0312 Datasheet HTML 67Page - STMicroelectronics RM0312 Datasheet HTML 68Page - STMicroelectronics RM0312 Datasheet HTML 69Page - STMicroelectronics RM0312 Datasheet HTML 70Page - STMicroelectronics RM0312 Datasheet HTML 71Page - STMicroelectronics RM0312 Datasheet HTML 72Page - STMicroelectronics RM0312 Datasheet HTML 73Page - STMicroelectronics RM0312 Datasheet HTML 74Page - STMicroelectronics RM0312 Datasheet HTML 75Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 275 page
background image
DocID022352 Rev 3
71/275
RM0312
Power management
74
9.4.2
Halt mode
In this mode the master clock is stopped. This means that the CPU and all the peripherals
clocked by fMASTER or by derived clocks are disabled. As a result, none of the peripherals
are clocked and the digital part of the MCU consumes almost no power.
The Main Voltage Regulator (MVR) is switched off automatically when the MCU enters Halt
mode. The MCU core is powered only by the Low Power Voltage Regulator (LPVR) and all
the registers and RAM contents are preserved.
The MCU enters Halt mode when a HALT instruction is executed. Wakeup from Halt mode
is triggered by an external interrupt, sourced by a general purpose I/O port configured as
interrupt input or by an alternate function pin capable of triggering a peripheral interrupt.
In an interrupt based application, where most of the processing is done through the interrupt
routines, the main program may be suspended by setting the activation level bit (AL) in the
CPU configuration register. Setting this bit causes the CPU to return to Halt mode when
executing the return from interrupt, without restoring the main execution context.
This saves power by removing the save/restore context activity and by removing the need to
execute a main level software loop for power management (in order to return to WFI mode).
Caution:
Before entering Halt mode, the ProxSense peripheral must be disabled or in Low power
mode (PXS_EN = ‘0’ or LOW_POWER = ‘1’ in register PXS_CR1).
9.4.3
Active-halt mode
Active-halt mode is similar to Halt mode except that it does not require an external interrupt
for wake up. It uses the AWU to generate a wakeup event internally after a programmable
delay or the PXS to generate a wakeup event after a PXS interrupt occurrence.
Active-halt mode with AWU
To enter Active-halt mode with AWU, first enable the AWU as described in the AWU section.
Then execute a HALT instruction.
In Active-halt mode with AWU, the main oscillator, the CPU and almost all peripherals are
stopped. Only the LSI RC oscillator is running to drive the AWU counters, BEEP and IWDG
counter if enabled.
The Main Voltage Regulator (MVR) is switched off automatically when the MCU enters
Active-halt mode. The MCU core is powered only by the Low Power Voltage Regulator
(LPVR) and all registers and RAM contents are preserved.
In order to reduce the consumption when using the Active-halt mode with AWU, the
ProxSense must be disabled (PXS_EN = ‘0’ in register PXS_CR1) or in Low power mode
(LOW_POWER = ‘1’ in register PXS_CR1).
Active-halt mode with ProxSense
To enter Active-halt mode with ProxSense, an acquisition must be in progress (CIPF = ‘1’ in
register PXS_ISR). If an acquisition is pending on a synchronization signal, the device does
not enter Active-halt mode with ProxSense if the synchronization trigger does not occur
before the Halt instruction execution. This can be checked by polling the CIPF bit in the
PXS_ISR register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com