Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UM1510 Datasheet(PDF) 32 Page - STMicroelectronics

Part # UM1510
Description  STM32L152D-EVAL demonstration firmware
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1510 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button UM1510 Datasheet HTML 28Page - STMicroelectronics UM1510 Datasheet HTML 29Page - STMicroelectronics UM1510 Datasheet HTML 30Page - STMicroelectronics UM1510 Datasheet HTML 31Page - STMicroelectronics UM1510 Datasheet HTML 32Page - STMicroelectronics UM1510 Datasheet HTML 33Page - STMicroelectronics UM1510 Datasheet HTML 34Page - STMicroelectronics UM1510 Datasheet HTML 35Page - STMicroelectronics UM1510 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 69 page
background image
Running the demonstration
UM1510
32/69
Doc ID 022713 Rev 1
Figure 33.
STM32 Image Viewer Listbox
When Image Viewer is selected, the corresponding image is displayed and then the user
can use RIGHT and LEFT push-buttons to go to the next/previous image stored in the
USER folder on the MicroSD card. If the DOWN push-button is pressed, the Image Viewer is
stopped and the listbox shown in Figure 33 is displayed.
If the LEFT or RIGHT push-button is pressed, the Image Viewer is stopped and the
submenu shown in Figure 32 is displayed.
The supported image size is 240x320. The maximum number of images that can be read
from the MicroSD card is 25 images, selected in alphabetic order.
2.4.4
Wave Player submenu
STM32L152D-EVAL evaluation board supports stereo audio play thanks to an audio Codec
CS43L22 connected to I2S2 port and controlled by I2C1 interface.
In this demo, any wave file stored under the USER folder in the MicroSD card can be
opened using the FatFs file system and transferred to the internal SRAM by block
(512 bytes) using the DMA and the SDIO interfaces. All the wave files properties are read
from the Wave File Header.
Figure 34.
Audio Playback architecture
APP Main Menu Name



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com