Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UM1510 Datasheet(PDF) 46 Page - STMicroelectronics

Part # UM1510
Description  STM32L152D-EVAL demonstration firmware
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1510 Datasheet(HTML) 46 Page - STMicroelectronics

Back Button UM1510 Datasheet HTML 42Page - STMicroelectronics UM1510 Datasheet HTML 43Page - STMicroelectronics UM1510 Datasheet HTML 44Page - STMicroelectronics UM1510 Datasheet HTML 45Page - STMicroelectronics UM1510 Datasheet HTML 46Page - STMicroelectronics UM1510 Datasheet HTML 47Page - STMicroelectronics UM1510 Datasheet HTML 48Page - STMicroelectronics UM1510 Datasheet HTML 49Page - STMicroelectronics UM1510 Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 69 page
background image
Running the demonstration
UM1510
46/69
Doc ID 022713 Rev 1
Figure 59.
Stop Mode display submenu
Once the joystick push-button has been pressed, the MCU exits the Bias Measure submenu
and the message shown in Figure 56 is displayed on the LCD screen.
The measured Bias value is stored in the internal DATA EEPROM memory. This value will
be used with Low Power modes current measurement.
●
If the Reset Bias Value submenu is selected, the BIAS message is displayed on the
LCD Glass and the message shown in Figure 60 is displayed on the LCD screen.
Figure 60.
Reset Bias Value submenu
If the joystick push-button has been pressed, the MCU exits the Reset Bias Value submenu
and the message shown in Figure 56 is displayed on the LCD screen.
If the SEL push-button has been pressed, the MCU starts the Reset Bias Value submenu
and the message shown in Figure 61 is displayed on the LCD screen.
Press Joystick to
continue.
IDD: xxx,xxx uA
STM32L LowPower Mode
MCU will be in STOP
Bias Measurement
Make sure that JP4
is in position 1<->2
Mode
Current Bias Value
IDD: xxx,xxx uA
stored in DATAEEPROM
Current Bias Value
exit.
SEL push-button.
To reset Bias
measurement press
Press JoyStick to



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com