Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN4103 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN4103
Description  Using the SPIRIT1 transceiver under EN 300 220 at 169 MHz
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4103 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN4103 Datasheet HTML 3Page - STMicroelectronics AN4103 Datasheet HTML 4Page - STMicroelectronics AN4103 Datasheet HTML 5Page - STMicroelectronics AN4103 Datasheet HTML 6Page - STMicroelectronics AN4103 Datasheet HTML 7Page - STMicroelectronics AN4103 Datasheet HTML 8Page - STMicroelectronics AN4103 Datasheet HTML 9Page - STMicroelectronics AN4103 Datasheet HTML 10Page - STMicroelectronics AN4103 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
AN4103
Transmitter parameters
Doc ID 023130 Rev 1
7/20
Figure 4.
Adjacent power measurement, 12.5 kHz narrowband channel spacing,
2.4 kbps data rate, 2.4 kHz frequency deviation
Figure 5.
Adjacent power measurement, 12.5 kHz narrowband channel spacing,
4.8 kbps data rate, 1.2 kHz frequency deviation
-70
-60
-50
-40
-30
-20
-10
0
10
20
1.6935E+08
1.6937E+08
1.6939E+08
1.6941E+08
1.6943E+08
1.6945E+08
Frequency [Hz]
8.5 kHz
8.5 kHz
8.5 kHz
AM16347v1
-70
-60
-50
-40
-30
-20
-10
0
10
20
1.6935E+08
1.6937E+08
1.6939E+08
1.6941E+08
1.6943E+08
1.6945E+08
Frequency [Hz]
8.5 kHz
8.5 kHz
8.5 kHz
AM16348v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com