Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN4103 Datasheet(PDF) 3 Page - STMicroelectronics

Part # AN4103
Description  Using the SPIRIT1 transceiver under EN 300 220 at 169 MHz
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4103 Datasheet(HTML) 3 Page - STMicroelectronics

  AN4103 Datasheet HTML 1Page - STMicroelectronics AN4103 Datasheet HTML 2Page - STMicroelectronics AN4103 Datasheet HTML 3Page - STMicroelectronics AN4103 Datasheet HTML 4Page - STMicroelectronics AN4103 Datasheet HTML 5Page - STMicroelectronics AN4103 Datasheet HTML 6Page - STMicroelectronics AN4103 Datasheet HTML 7Page - STMicroelectronics AN4103 Datasheet HTML 8Page - STMicroelectronics AN4103 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
AN4103
Application circuit
Doc ID 023130 Rev 1
3/20
1
Application circuit
Figure 1 shows the SPIRIT1 application board photo. The application consists of two
boards: a daughterboard and a motherboard. The daughterboard holds SPIRIT1 with the
circuits necessary for its operation. In order to function correctly, the daughterboard must be
plugged into the motherboard (see Figure 2) using two header 5x2 connectors (J6 and J7).
The motherboard is provided with a STM32L152VBT6 microcontroller to correctly program
the transceiver. The microcontroller is programmed with firmware developed for the
SPIRIT1 application. A graphical user interface (GUI) has been developed to correctly
program SPIRIT1.
The daughterboard is provided with a 25 MHz crystal to provide the correct oscillator to
SPIRIT1. The W-MBUS N-mode application, built expressly for the 169 MHz band, needs a
frequency tolerance that cannot be achieved with a quartz oscillator. A dedicated W-MBUS
application at 169 MHz with a range extender to +27 dBm has been developed and it is
described in a dedicated application note for general-purpose applications that work in the
169.400 - 169.475 MHz bandwidth.
SPIRIT1 has an internal SMPS that drastically reduces power consumption, making
SPIRIT1 the best-in-class for applications in this bandwidth. The SMPS is fed from the
battery (1.8 V to 3.6 V) and provides a programmable voltage (1.4 V usually) to the device.
An SMA connector is present to connect the board to an antenna or to instruments to verify
the correct functionality and verify the ETSI standard request.
A few passive components (inductors and capacitors) are used as matching/filtering for the
power amplifier (PA) and the balun network for the receiver.
To reduce the application cost SPIRIT1 has been designed to work without an external
antenna switch. This daughterboard has been designed to show the SPIRIT1 functionality in
this condition. Clearly, an application with an antenna switch can exist, but this case is not
described in this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com