Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN4147 Datasheet(PDF) 3 Page - STMicroelectronics

Part # AN4147
Description  Using the SPIRIT1 transceiver under FCC title 47 part 15 in the 315 MHz band
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4147 Datasheet(HTML) 3 Page - STMicroelectronics

  AN4147 Datasheet HTML 1Page - STMicroelectronics AN4147 Datasheet HTML 2Page - STMicroelectronics AN4147 Datasheet HTML 3Page - STMicroelectronics AN4147 Datasheet HTML 4Page - STMicroelectronics AN4147 Datasheet HTML 5Page - STMicroelectronics AN4147 Datasheet HTML 6Page - STMicroelectronics AN4147 Datasheet HTML 7Page - STMicroelectronics AN4147 Datasheet HTML 8Page - STMicroelectronics AN4147 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
AN4147
An overview of FCC regulations
Doc ID 023516 Rev 1
3/14
1
An overview of FCC regulations
1.1
Part 15.231
Devices operating in the 315 MHz band must comply with section 15.231 of the FCC Title 47
Part 15 [
2] regulations. The provisions in section 15.231 are restricted to periodic operation
within the 40.66 - 40.70 MHz band and above 70 MHz. The intentional radiator is restricted
to the transmission of a control signal such as those used with alarm systems, door
openers, remote switches, etc. Continuous transmissions, voice, video and radio control of
toys are not permitted. Data is permitted to be sent with a control signal.
To comply with the provisions for periodic operation, the following conditions must be meet:
●
A manually operated transmitter shall employ a switch that will automatically deactivate
the transmitter within not more than 5 seconds of being released. A transmitter
activated automatically shall cease transmission within 5 seconds after activation.
●
Periodic transmissions at regular predetermined intervals are not permitted. However,
polling or supervision transmissions, including data, to determine system integrity of
transmitters used in security or safety applications are allowed if the total duration of
transmissions does not exceed 2 seconds per hour.
●
Intentional radiators which are employed for radio control purposes during
emergencies involving fire, security and safety of life, when activated to signal an
alarm, may operate during the pendency of the alarm condition.
●
In addition to the provisions of 15.205, the field strength of emissions from intentional
radiators operated under this section shall not exceed the values in
Table 1. The field
strength limits are specified at a distance of 3 meters.
●
The limits on the field strength of the spurious emissions in the
Table 1 are based on
the fundamental frequency of the intentional radiator. Spurious emissions shall be
attenuated to the average limits shown in this table or to the general limits shown in
section 15.209, whichever limit permits higher field strength.
●
The bandwidth of the emission shall be no wider than 0.25% of the center frequency.
Bandwidth is determined at the points 20 dB down from the modulated carrier.
●
Intentional radiators may operate at a periodic rate exceeding that specified in point 1
and may be employed for any type of operation, including operation prohibited in point
1. In this case, the max field strength is different and is shown in the
Table 2. The
device operating in the condition described in this point shall be provided with a means
for automatically limiting operation so that the duration of each transmission shall not
be greater than 1 second and the silent period between transmissions shall be at least
30 times the duration of the transmission, but in no case less than 10 seconds.
Table 1.
Field strength of emissions for normal working conditions
Fundamental frequency
[MHz]
Field strength of fundamental
[µV/m]
Field strength of spurious emission
[µV/m]
40.66 – 40.70
2250
225
70 – 130
1250
125
130 – 174
1250 to 3750
125 to 375
174 – 260
3750
375



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com