Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN4147 Datasheet(PDF) 4 Page - STMicroelectronics

Part # AN4147
Description  Using the SPIRIT1 transceiver under FCC title 47 part 15 in the 315 MHz band
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4147 Datasheet(HTML) 4 Page - STMicroelectronics

  AN4147 Datasheet HTML 1Page - STMicroelectronics AN4147 Datasheet HTML 2Page - STMicroelectronics AN4147 Datasheet HTML 3Page - STMicroelectronics AN4147 Datasheet HTML 4Page - STMicroelectronics AN4147 Datasheet HTML 5Page - STMicroelectronics AN4147 Datasheet HTML 6Page - STMicroelectronics AN4147 Datasheet HTML 7Page - STMicroelectronics AN4147 Datasheet HTML 8Page - STMicroelectronics AN4147 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
An overview of FCC regulations
AN4147
4/14
Doc ID 023516 Rev 1
1.2
Parts 15.205 and 15.209
As described in the previous paragraphs, radiated harmonics and spurious emissions of
devices that comply with section 15.231 and which fall within the restricted bands, as
defined in FCC section 15.205, must comply with the radiated emission limits specified in
FCC section 15.209. In addition to the provisions of 15.205, the field strength of emissions
from intentional radiators operated under this section shall not exceed the values in
Table 1.
The field strength limits are specified at a distance of 3 meters.
Section 15.205 shows the bands where only spurious emissions are permitted. The field
strength of emissions appearing within these frequency bands shall not exceed the limits
shown in section 15.209. The following tables show the restricted bands as defined in
section 15.205 and the radiated and conducted emission limits are defined in section
15.209.
260 – 470
3750 to 12500
375 to 1250
Above 470
12500
1250
Table 2.
Field strength of emissions for particular working conditions
Fundamental frequency
[MHz]
Field strength of fundamental
[µV/m]
Field strength of spurious emission
[µV/m]
40.66 – 40.70
1000
100
70 – 130
500
50
130 – 174
500 to 1500
50 to 150
174 – 260
1500
150
260 – 470
1500 to 5000
150 to 500
Above 470
5000
500
Table 1.
Field strength of emissions for normal working conditions (continued)
Fundamental frequency
[MHz]
Field strength of fundamental
[µV/m]
Field strength of spurious emission
[µV/m]
Table 3.
Restricted bands defined in section 15.205
MHz
MHz
MHz
GHz
0.090 – 0.110
16.42 – 16.423
399.9 – 410
4.5 – 5.15
0.495 – 0.505
16.69475 – 16.69525
608 – 614
5.35 – 5.46
2.1735 – 2.1905
16.80425 – 16.80475
960 – 1240
7.25 – 7.75
4.125 – 4.128
25.5 – 25.67
1300 – 1427
8.025 – 8.5
4.17725 – 4.17775
37.5 – 38.25
1435 – 1626.5
9.0 – 9.2
4.20725 – 4.20775
73 – 74.6
1645.5 – 1646.5
9.3 – 9.5
6.215 – 6.218
74.8 – 75.2
1660 – 1710
10.6 – 12.7
6.26775 – 6.26825
108 – 121.94
1718.8 – 1722.2
13.25 – 13.4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com