Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN4169 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN4169
Description  PCB design guidelines for the SPIRIT1 transceiver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4169 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN4169 Datasheet HTML 5Page - STMicroelectronics AN4169 Datasheet HTML 6Page - STMicroelectronics AN4169 Datasheet HTML 7Page - STMicroelectronics AN4169 Datasheet HTML 8Page - STMicroelectronics AN4169 Datasheet HTML 9Page - STMicroelectronics AN4169 Datasheet HTML 10Page - STMicroelectronics AN4169 Datasheet HTML 11Page - STMicroelectronics AN4169 Datasheet HTML 12Page - STMicroelectronics AN4169 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
AN4169
Passive components
Doc ID 023704 Rev 1
9/14
comprised of three components: pad layout, capacitor height and power plane spreading
inductance.
The main differences between ceramic dielectric types are the temperature coefficient of
capacitance and the dielectric loss. COG and NP0 (negative-positive-zero, i.e ±0) dielectrics
have the lowest losses and are used in filtering, matching and so on.
For RF applications it is generally recommended that multi-layer (or monolithic) ceramic
capacitors with a COG dielectric material, which is a highly stable class I dielectric offering a
linear temperature coefficient, low loss and stable electrical properties over time, voltage
and frequency.
For RF decoupling purposes select a capacitor value so that the frequency to be decoupled
is close to or just above the series resonant frequency (SRF) of the capacitor. At SRF the
parasitic impedance resonates with the device capacitance to form a series tuned circuit
and the impedance presented by the capacitor is the effective series resistance (ESR).
For DC blocking or coupling applications at RF, typically a capacitor with low insertion loss
and a good quality factor is required. Since a capacitor’s quality factor is inversely
proportional to its ESR, select a capacitor with a low ESR and ensure that the SRF of the
capacitor is greater than the frequency of operation. If the working frequency is above the
SRF of the capacitor, it appears inductive.
3.2
Inductors
An inductor is a passive electrical component used to store energy in its magnetic field. Any
conductor has inductance. An inductor is typically made of a wire or other conductor wound
into a coil, to increase the magnetic field.
Inductors differ from each other in construction techniques and materials used for
manufacture. A lot of different types of inductors exist (air core inductors, ferromagnetic core
inductors and variable inductors), but this document focuses on the inductors useful for RF
only. Air core inductors are usually used in RF. The term air core describes an inductor that
does not use a magnetic core made of ferromagnetic material, but is coil wound on plastic,
ceramic, or other nonmagnetic forms. They have lower inductance than ferromagnetic core
coils, but are used at high frequencies because they are free from energy losses called core
losses.
Usually, the real circuit of an inductor is composed of a series resistance and a parallel
capacitor. The parallel capacitor is considered to be the inter-winding capacitor that exists
between the turns of the inductor. If the inductor is placed over a ground plane then this
capacitance also includes the capacitance that exists between the inductor and the ground
plane. The series resistor can be considered as the resistance of the inductor winding.
In terms of circuit performance, as already mentioned for the capacitors, the self-resonant
frequency and the quality factor are the main inductor parameters, especially for a circuit
where the losses need to be minimized. At the self-resonant frequency, the inductor
impedance is at a maximum. For a frequency above the self-resonance the inductor
behavior changes and it appears capacitive.
In general, wirewound inductors have a higher quality factor than a multi-layer equivalent.
They also reflect and radiate more energy which can give rise to higher emission levels,
especially in terms of self-coupling. Inductive coupling can give rise to undesired circuit
operation: to minimize coupling, mount the inductors in sensitive circuit areas at 90 degrees
to one another.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com