Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN4169 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN4169
Description  PCB design guidelines for the SPIRIT1 transceiver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4169 Datasheet(HTML) 5 Page - STMicroelectronics

  AN4169 Datasheet HTML 1Page - STMicroelectronics AN4169 Datasheet HTML 2Page - STMicroelectronics AN4169 Datasheet HTML 3Page - STMicroelectronics AN4169 Datasheet HTML 4Page - STMicroelectronics AN4169 Datasheet HTML 5Page - STMicroelectronics AN4169 Datasheet HTML 6Page - STMicroelectronics AN4169 Datasheet HTML 7Page - STMicroelectronics AN4169 Datasheet HTML 8Page - STMicroelectronics AN4169 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
AN4169
RF layout guidelines
Doc ID 023704 Rev 1
5/14
Modern PCB manufacturing achieves very accurate etching and so this is not considered as
a performance variable. Z-axis expansion depends on the FR4 material and does not alter
much between vendor material.
2.2
Two or multi-layer board design
A different choice regarding the number of the layers can be made. A two-layer or an N-layer
(where N may be 3 or 4) application board can be used to develop the RF part of an
application.
The usual distribution for a four-layer board should be:
1.
TOP layer, used for the RF signals;
2.
GROUND layer, used only as ground plane;
3.
POWER layer, used for DC power plane;
4.
BOTTOM layer, used for the low frequency and digital signals.
The advantage of N-layer designs over two-layer designs is that the former allows for
distributed RF decoupling of a DC power plane by a ground plane, as illustrated in Figure 2.
Placing a distributed ground plane between the RF plane and the power plane enables an
evenly distributed RF decoupling layer. In addition, the power plane provides a low
impedance trace at radio frequency.
The main advantage of the multi-layer solution is the possibility to put the ground layer very
near to the RF plane to reduce the parasitic effect of the ground plane. All the RF devices
need to have a strong ground plane and it is possible to obtain this by reducing how much
the parasitic effect is possible by reducing the distance between the TOP layer and the
GROUND layer.
A two-layer design typically requires a little more care with the PCB routing, but can be
successfully implemented for applications with a low number of tracks. The power supply
trace on the component is made quite thick to present as low an impedance trace as
possible. Large areas of ground on this side of the board provide a low impedance path for
the decoupling.
A two-layer PCB is cheaper to manufacture than a three or four-layer PCB. However, to
implement microstrip or stripline transmission lines, the PCB thickness should not exceed
0.8 mm - 1.00 mm, since the width of the transmission line trace becomes rather large.
Figure 2.
Three-layer application board structure
AM14761V1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com