Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN4246 Datasheet(PDF) 3 Page - STMicroelectronics

Part # AN4246
Description  Proprietary Code Read Out Protection on STM32L1 microcontrollers
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4246 Datasheet(HTML) 3 Page - STMicroelectronics

  AN4246 Datasheet HTML 1Page - STMicroelectronics AN4246 Datasheet HTML 2Page - STMicroelectronics AN4246 Datasheet HTML 3Page - STMicroelectronics AN4246 Datasheet HTML 4Page - STMicroelectronics AN4246 Datasheet HTML 5Page - STMicroelectronics AN4246 Datasheet HTML 6Page - STMicroelectronics AN4246 Datasheet HTML 7Page - STMicroelectronics AN4246 Datasheet HTML 8Page - STMicroelectronics AN4246 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
DocID024207 Rev 1
3/11
AN4246
Flash code protection
1
Flash code protection
The STM32 microcontroller family is provided with the following code protection features:
1.
Global Read-out Protection (RDP)
2.
Write protection
3.
Proprietary Code Read Out Protection (PCROP)
These features are meant to protect the intellectual property of the embedded firmware
code, which represents an increasing interest for complex embedded systems.
1.1
Global Read Out Protection (RDP)
The global Read Out Protection allows the embedded firmware code (preloaded in the
Flash memory) to protect against reverse engineering, dumping using debug tools or other
means of intrusive attack.
This protection is set by the user after the binary code is loaded to the embedded Flash
memory.
Table 2 describes the 3 user-defined protection levels.
Once the user code is loaded in the Flash memory of the product, it can be protected
against code dumping.This is possible by activating either Level 1 or Level 2 protection,
otherwise by RDP option byte programming, following the rules described in Figure 1.
Table 2. RDP Protection Level
Levels
Description
Level 0
No protection (default)
Level 1
Flash memory is protected against reading by debugging or code dumping
by the RAM loaded code
Level 2
All debug features are disabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com