| Electronic Components Datasheet Search |
|
AN4246 Datasheet(PDF) 4 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN4246 Datasheet(HTML) 4 Page - STMicroelectronics |
|
4 / 11 page ![]() Flash code protection AN4246 4/11 DocID024207 Rev 1 Figure 1. RDP Levels Both protection levels (1 and 2) have the same abilities to protect the Flash memory. Its content cannot be read by Serial Wire or JTAG Debug access, bootloader system software or by loading any other SW to the volatile RAM memory. The main difference between the two protection levels is the volatile data (RAM content) protection which only exists on Level 2. When RDP protection is set to Level 1, debug tools still can be connected and access all the volatile resources of the MCU (RAM and registers). These tools are used to check the part and/or system, by loading some test code to the RAM. Also, Level 1 protection allows to recover a programmed part by erasing the entire Flash content. This is done by re-programming the RDP option byte from Level 1 to Level 0 (see Figure 1). On the other hand, Level 2 protection is irreversible (fuse). Once the RDP is set to Level 2, the RDP option byte and all the other option bytes are frozen and can non longer be modified. However, the user Flash content, with the exception of all the write-protected sectors (see Section 1.2: Write Protection), still can be updated under the control of the user code itself. An IAP (In Application Programming) bootloader code can be implemented in order to allow a firmware update of some sectors. In order to ensure the protection of previously programmed user code, the bootloader protocol can be a user specified (implementing the relevant protection against attacks, dumping and/or malicious code update). Note: Some examples of Secure Bootloader implementation using the embedded AES accelerator available on STM32 are described in application note AN4023 - STM32 secure firmware upgrade. For additional details on Read Protection, refer to the microcontroller reference manuals. Level 1 0 l e v e L 2 l e v e L h A A = P D R h C C = P D R RDP /= AAh RDP /= CCh default Options write (RDP level increase) includes - Options erase - New options program Options write (RDP level decrease) includes - Mass erase - Options erase - New options program Options write (RDP level identical) includes - Options erase - New options program RDP = AAh Others option(s) modified RDP /= AAh & /= CCh Others options modified Write options including RDP = AAh Write options including RDP = CCh Write options including RDP = CCh Write optionsincluding RDP /= CCh & /= AAh ai16045 |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |