Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN4392 Datasheet(PDF) 3 Page - STMicroelectronics

Part # AN4392
Description  The BlueNRG is a very low power Bluetooth low energy
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4392 Datasheet(HTML) 3 Page - STMicroelectronics

  AN4392 Datasheet HTML 1Page - STMicroelectronics AN4392 Datasheet HTML 2Page - STMicroelectronics AN4392 Datasheet HTML 3Page - STMicroelectronics AN4392 Datasheet HTML 4Page - STMicroelectronics AN4392 Datasheet HTML 5Page - STMicroelectronics AN4392 Datasheet HTML 6Page - STMicroelectronics AN4392 Datasheet HTML 7Page - STMicroelectronics AN4392 Datasheet HTML 8Page - STMicroelectronics AN4392 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
DocID025507 Rev 1
3/17
AN4392
An overview of ARIB regulations
17
1
An overview of ARIB regulations
Low power, non-licensed devices operating in the 2400 - 2483.5 MHz band are found
everywhere, such as toys, wireless security systems, wireless telemetry, wireless automatic
meter reading applications, and so on.
In Japan, the unlicensed use of short range devices in the 2.4 GHz ISM band is regulated by
The Association of Radio Industries and Businesses (ARIB) standard STD-T66: “Second
generation low power data communication system/Wireless LAN system”.
The communication method is limited to digital signals (including spread spectrum).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com