Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN4392 Datasheet(PDF) 4 Page - STMicroelectronics

Part # AN4392
Description  The BlueNRG is a very low power Bluetooth low energy
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4392 Datasheet(HTML) 4 Page - STMicroelectronics

  AN4392 Datasheet HTML 1Page - STMicroelectronics AN4392 Datasheet HTML 2Page - STMicroelectronics AN4392 Datasheet HTML 3Page - STMicroelectronics AN4392 Datasheet HTML 4Page - STMicroelectronics AN4392 Datasheet HTML 5Page - STMicroelectronics AN4392 Datasheet HTML 6Page - STMicroelectronics AN4392 Datasheet HTML 7Page - STMicroelectronics AN4392 Datasheet HTML 8Page - STMicroelectronics AN4392 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
Technical requirements
AN4392
4/17
DocID025507 Rev 1
2
Technical requirements
Modulation is either spread spectrum (DSSS, FHSS or a hybrid of the two), or other digital
modulation. Although Bluetooth LE uses the frequency hopping method during
communication, it is not defined as a system using this method (according to Radio
Equipment Regulations, Article 4.17.49.20 [4]).
Maximum output power
The maximum allowed output power is 10 mW (10 dBm) measured in a 1 MHz bandwidth
for a non-FHSS system.
If FHSS is used, the maximum power is 3 mW measured in a 1 MHz bandwidth if the whole
band is used. 10 mW can be used for FHSS systems, but not from 2.427 to 2.47075 GHz,
where the limit is 3 mW.
Frequency tolerance
Frequency tolerance shall be within ± 50 ppm of rated frequency.
Transmitter spurious emissions
Average power of spurious emissions (outside the specified 2.4 GHz band) shall be as
follows:
Frequency bandwidth
The required frequency bandwidth is limited by:
–
83.5 MHz for FHSS or hybrid FHSS/DSSS systems, 26 MHz in other systems.
–
The spreading bandwidth shall be 500 kHz or more in spread spectrum systems.
–
The spreading bandwidth is defined as the bandwidth containing 95% of the
average radiated power.
Table 1. Transmitter spurious emissions
Frequency range
Transmit mask level
< 2387 MHz
- 26 dBm
2387 to 2400 MHz
- 16 dBm
2400 to 2483 MHz
-
2483 to 2496.5 MHz
- 16 dBm
> 2496.5 MHz
- 26 dBm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com