Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN4467 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN4467
Description  Getting started with STM32L0xx hardware development
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4467 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN4467 Datasheet HTML 5Page - STMicroelectronics AN4467 Datasheet HTML 6Page - STMicroelectronics AN4467 Datasheet HTML 7Page - STMicroelectronics AN4467 Datasheet HTML 8Page - STMicroelectronics AN4467 Datasheet HTML 9Page - STMicroelectronics AN4467 Datasheet HTML 10Page - STMicroelectronics AN4467 Datasheet HTML 11Page - STMicroelectronics AN4467 Datasheet HTML 12Page - STMicroelectronics AN4467 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 33 page
background image
DocID026156 Rev 2
9/33
AN4467
Power supplies
32
1.1.2
Independent LCD supply (STM32L0x3 only)
The VLCD pin is provided to control the contrast of the glass LCD. This pin can be used in
two ways:
•
It can receive, from an external circuitry, the desired maximum voltage that is provided
on the segment and common lines to the glass LCD by the microcontroller.
•
It can also be used to connect an external capacitor that is used by the microcontroller
for its voltage step-up converter. This step-up converter is controlled by software to
provide the desired voltage to the segment and common lines of the glass LCD. Refer
to the specific product datasheet for the capacitor value.
The voltage provided to the segment and common lines defines the contrast of the glass
LCD pixels. This contrast can be reduced when the dead time between frames is
configured.
In case of LCD with big pixel, the high capacitance of the pixel might degrade the LCD
signal shape. So the device offer the possibility to connect internal VLCD rails (LCD_VLCD1,
LCD_VLCD2, LCD_VLCD3) to optional capacitors. This improves the Segment and
Common line signals shape with limited use of high drive resistor network, so it improves
the signal shape without extra current consumption. The values of these decoupling
capacitors must be tuned according to the LCD glass and the PCB capacitances. As a
guideline the user can set the decoupling capacitor values to approximately 10 times the
LCD and PCB capacitance. The LCD rail to be connected depends on the Bias
configuration.
1.1.3
Voltage regulator
The internal voltage regulator is always enabled after reset. It can be configured to provide
the core with three different voltage ranges. Choosing a range with low Vcore reduces the
consumption but lowers the maximum acceptable core speed. Consumption ranges in
decreasing consumption order are as follows:
•
Range 1, available only for VDD above 1.71 V, allows maximum speed;
•
Range 2 allows CPU frequency up to 16 MHz;
•
Range 3 allows CPU frequency up to 4.2 MHz.
Note:
In Range 1, when VDD is below 2.0 V, the CPU frequency in run mode must be managed to
prevent any changes exceeding a ratio of 4 in one shot. A delay of 5 µs must be respected
between 2 changes. There is no limitation when waking up from low-power mode.
Table 1. VLCD rails connections to GPIO pins
Rail
Bias
Pin selected by
CAPA[2:0] bits
1/2
1/3
1/4
LCD_VLCD3
Not used
Not used
3/4 VLCD
PB0 or PE12
LCD_VLCD2
1/2 VLCD
2/3 VLCD
2/4 VLCD
PB2
LCD_VLCD1
Not used
1/3 VLCD
1/4 VLCD
PB12 or PE11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com