Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN4467 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN4467
Description  Getting started with STM32L0xx hardware development
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4467 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN4467 Datasheet HTML 8Page - STMicroelectronics AN4467 Datasheet HTML 9Page - STMicroelectronics AN4467 Datasheet HTML 10Page - STMicroelectronics AN4467 Datasheet HTML 11Page - STMicroelectronics AN4467 Datasheet HTML 12Page - STMicroelectronics AN4467 Datasheet HTML 13Page - STMicroelectronics AN4467 Datasheet HTML 14Page - STMicroelectronics AN4467 Datasheet HTML 15Page - STMicroelectronics AN4467 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 33 page
background image
Power supplies
AN4467
12/33
DocID026156 Rev 2
Figure 3. Optional LCD power supply scheme
•
Option 1: LCD power supply is provided by a dedicated VLCD supply source, VSEL
switch is open.
•
Option 2: LCD power supply is provided by the internal step-up converter, VSEL switch
is closed, an external capacitance is needed for correct behavior of this converter.
Note:
The availability of the VLCD rails depend on device package.
1.3
Reset and power supply supervisor
The input supply to the main and low-power regulators is monitored by a power-on/power-
down/brownout reset circuit. Power-on/power-down reset are a null power monitoring with
fixed threshold voltages, whereas brownout reset gives the choice between several
thresholds with a very low, but not null, power consumption.
In addition, the STM32L0xx embeds a programmable voltage detector that compares the
power supply with the programmable threshold. An interrupt can be generated when the
power supply drops below the VPVD threshold and/or when the power supply is higher than
the VPVD threshold. The interrupt service routine then generates a warning message and/or
puts the MCU into a safe state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com