Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PM0223 Datasheet(PDF) 8 Page - STMicroelectronics

Part # PM0223
Description  This programming manual provides information for application and system-level software developers
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0223 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button PM0223 Datasheet HTML 4Page - STMicroelectronics PM0223 Datasheet HTML 5Page - STMicroelectronics PM0223 Datasheet HTML 6Page - STMicroelectronics PM0223 Datasheet HTML 7Page - STMicroelectronics PM0223 Datasheet HTML 8Page - STMicroelectronics PM0223 Datasheet HTML 9Page - STMicroelectronics PM0223 Datasheet HTML 10Page - STMicroelectronics PM0223 Datasheet HTML 11Page - STMicroelectronics PM0223 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 110 page
background image
About this document
PM0223
8/110
DocID025763 Rev 1
1
About this document
This document provides the information required for application and system-level software
development. It does not provide information on debug components, features, or operation.
This material is for microcontroller software and hardware engineers, including those who
have no experience of ARM products.
1.1
Typographical conventions
The typographical conventions used in this document are:
1.2
List of abbreviations for registers
The following abbreviations are used in register descriptions:
italic
Highlights important notes, introduces special terminology, denotes
internal cross-references, and citations.
bold
Highlights interface elements, such as menu names. Denotes signal
names. Also used for terms in descriptive lists, where appropriate.
monospace
Denotes text that you can enter at the keyboard, such as commands,
file and program names, and source code.
monospace
Denotes a permitted abbreviation for a command or option. You can
enter the underlined text instead of the full command or option name.
monospace italic
Denotes arguments to monospace text where the argument is to be
replaced by a specific value.
monospace bold
Denotes language keywords when used outside example code.
< and >
Enclose replaceable terms for assembler syntax where they appear in
code or code fragments. For example:
LDRSB<cond> <Rt>, [<Rn>, #<offset>]
read/write (rw)
Software can read and write to these bits.
read-only (r)
Software can only read these bits.
write-only (w)
Software can only write to this bit.
Reading the bit returns the reset value.
read/clear (rc_w)
Software can read as well as clear this bit by writing any value.
read/clear (rc_w1) Software can read as well as clear this bit by writing 1.
Writing ‘0’ has no effect on the bit value.
read/clear (rc_w0) Software can read as well as clear this bit by writing 0.
Writing ‘1’ has no effect on the bit value.
toggle (t)
Software can only toggle this bit by writing ‘1’. Writing ‘0’ has no effect.
Reserved (Res.)
Reserved bit, must be kept at reset value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com