Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PM0223 Datasheet(PDF) 82 Page - STMicroelectronics

Part # PM0223
Description  This programming manual provides information for application and system-level software developers
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0223 Datasheet(HTML) 82 Page - STMicroelectronics

Back Button PM0223 Datasheet HTML 78Page - STMicroelectronics PM0223 Datasheet HTML 79Page - STMicroelectronics PM0223 Datasheet HTML 80Page - STMicroelectronics PM0223 Datasheet HTML 81Page - STMicroelectronics PM0223 Datasheet HTML 82Page - STMicroelectronics PM0223 Datasheet HTML 83Page - STMicroelectronics PM0223 Datasheet HTML 84Page - STMicroelectronics PM0223 Datasheet HTML 85Page - STMicroelectronics PM0223 Datasheet HTML 86Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 110 page
background image
STM32L0 Core Peripherals
PM0223
82/110
DocID025763 Rev 1
4.2
Nested Vectored Interrupt Controller
This section describes the Nested Vectored Interrupt Controller (NVIC) and the registers it
uses. The NVIC supports:
32 interrupts.
A programmable priority level of 0-192 in steps of 64 for each interrupt. A higher level
corresponds to a lower priority, so level 0 is the highest interrupt priority.
Level and pulse detection of interrupt signals.
Interrupt tail-chaining.
An external Non-Maskable Interrupt (NMI).
The processor automatically stacks its state on exception entry and unstacks this state on
exception exit, with no instruction overhead. This provides low latency exception handling.
The hardware implementation of the NVIC registers is
:
4.2.1
Accessing the STM32L0 Cortex-M0+ NVIC registers using CMSIS
CMSIS functions enable software portability between different Cortex-M profile processors.
To access the NVIC registers when using CMSIS, use the following functions:
Table 26. NVIC register summary
Address
Name
Type Reset value Description
0xE000E100
NVIC_ISER
RW
0x00000000
Interrupt Set-enable Register
on page 83.
0xE000E180
NVIC_ICER
RW
0x00000000
Interrupt Clear-enable Register
on page 83.
0xE000E200
NVIC_ISPR
RW
0x00000000
Interrupt Set-pending Register
on page 84.
0xE000E280
NVIC_ICPR
RW
0x00000000
Interrupt Clear-pending
Register on page 84.
0xE000E400-0xE000E4EF
NVIC_IPR0-7 RW
0x00000000
Interrupt Priority Registers on
page 85.
Table 27. CMSIS access NVIC functions
CMSIS function
Description
void NVIC_EnableIRQ(IRQn_Type IRQn)
(1)
Enables an interrupt or exception.
void NVIC_DisableIRQ(IRQn_Type IRQn)
(1)
Disables an interrupt or exception.
void NVIC_SetPendingIRQ(IRQn_Type IRQn)
(1)
Sets the pending status of interrupt or exception to
1.
void NVIC_ClearPendingIRQ(IRQn_Type IRQn)
(1)
Clears the pending status of interrupt or exception
to 0.
uint32_t NVIC_GetPendingIRQ(IRQn_Type IRQn)
(1)
Reads the pending status of interrupt or exception.
This function returns non-zero value if the pending
status is set to 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com