Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN4655 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN4655
Description  Virtually increasing the number of serial communication peripherals in STM32 applications
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4655 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN4655 Datasheet HTML 7Page - STMicroelectronics AN4655 Datasheet HTML 8Page - STMicroelectronics AN4655 Datasheet HTML 9Page - STMicroelectronics AN4655 Datasheet HTML 10Page - STMicroelectronics AN4655 Datasheet HTML 11Page - STMicroelectronics AN4655 Datasheet HTML 12Page - STMicroelectronics AN4655 Datasheet HTML 13Page - STMicroelectronics AN4655 Datasheet HTML 14Page - STMicroelectronics AN4655 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
DocID027483 Rev 1
11/21
AN4655
SW methods
20
If the bit-banged interface is not to have a detrimental effect on real-time performance, then
it must be performed with a low priority and then it can’t be deterministic in terms of data
throughput and latency.
A specific problem could happen due to code alignment when the same code placed and
executed from different starting addresses. This can produce different timing of provided
signals. It is caused by different pipe line mechanism when code is fetched from the memory
in advance or flushed out from pipeline. User has to respect setting of instruction prefetch
and instruction and data cashing.
The most CPU efficient transfer is achieved by using a hardware interface and DMA transfer
to minimize the software overhead and cpu load. Bit-banging is at the opposite extreme of
that. It is neither portable nor flexible enough to handle all peripherals’ instances. The
produced signals normally have more jitter or glitches, especially if the controller is also
executing other tasks. That is why such communicating should be avoided in real time
critical environment especially.
Using specific macros and conditional code can increase code visibility significantly and
bring a sure level of flexibility even at this low level of programing (see the code examples).
Combination of bit-banging and interrupts can give a good fairly autonomous and interrupt
driven bit-banging code, only at the expense of using a dedicated timer. But in general, it is
very hard to do reliable bit-banging at high speeds in a multitasking environment.
2.4
Peripherals specific aspects of SW emulation
2.4.1
SPI
SW emulation of SPI is the simplest and easily adaptable as it is synchronous and no
specific requirements limit the rates, timing of signals or physical interface characteristic.
Data transmission and reception is provided contemporary on two separated data
unidirectional lines (MOSI, MISO) synchronized by common clock signal line provided by
master. No addressing or acknowledgment control is implemented.
Concerning SCK clock signal, the user has to respect fixed clock phase and polarity
between communicating nodes, even if different settings can be used for a group of nodes
within a single net if their communication is held separated. For slave select signal, negative
polarity is commonly expected. SS signal is often not implemented when simple
communication is done between a single pair of nodes with fixed master and slave roles.
Multi-master environment can be supported as well but there is no specific arbitration
except SS signal level. SPI node can provide a transaction when its SS input stays inactive
else multi-master conflict is recognized. In spite of full duplex communication is considered
as standard case, many solutions use simplified simplex communication (SPI node can be
transmitter or receiver only).
Clock signal can be continuous or not, no clock signal stretching is supported. This puts
limits especially on slave, because any transaction can start or continue regardless if any
data is ready or accepted on slave side. As a consequence, slave can easily enter in data
underrun or data overrun conditions.
The number of bits to be transacted is fixed between nodes but arbitrarily configurable.
Optional API can integrate single data buffering or more complex FIFO structures for both
transmitter and receiver.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com