Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TN1206 Datasheet(PDF) 2 Page - STMicroelectronics

Part # TN1206
Description  Tape and reel shipping media for STM8 and STM32 microcontrollers in QFP packages
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TN1206 Datasheet(HTML) 2 Page - STMicroelectronics

  TN1206 Datasheet HTML 1Page - STMicroelectronics TN1206 Datasheet HTML 2Page - STMicroelectronics TN1206 Datasheet HTML 3Page - STMicroelectronics TN1206 Datasheet HTML 4Page - STMicroelectronics TN1206 Datasheet HTML 5Page - STMicroelectronics TN1206 Datasheet HTML 6Page - STMicroelectronics TN1206 Datasheet HTML 7Page - STMicroelectronics TN1206 Datasheet HTML 8Page - STMicroelectronics TN1206 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Contents
TN1206
2/16
DocID027388 Rev 3
Contents
1
Reel description . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5
2
Leader and trailer tape specifications . . . . . . . . . . . . . . . . . . . . . . . . . . . 7
3
Labeling . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8
4
Device Orientation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9
5
Carrier tape mechanical dimensions . . . . . . . . . . . . . . . . . . . . . . . . . . . 10
5.1
Carrier tape width ≤ 24 mm . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10
5.2
Carrier tape width > 24 mm . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .11
6
Bending radius requirements . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13
7
Camber requirements . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14
8
Revision history . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com