Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LT1805CS#PBF Datasheet(PDF) 7 Page - Linear Technology

Part # LT1805CS#PBF
Description  Single/Dual/Quad 100V/s, 85MHz, Rail-to-Rail Input and Output Op Amps
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1805CS#PBF Datasheet(HTML) 7 Page - Linear Technology

Back Button LT1805CS#PBF Datasheet HTML 3Page - Linear Technology LT1805CS#PBF Datasheet HTML 4Page - Linear Technology LT1805CS#PBF Datasheet HTML 5Page - Linear Technology LT1805CS#PBF Datasheet HTML 6Page - Linear Technology LT1805CS#PBF Datasheet HTML 7Page - Linear Technology LT1805CS#PBF Datasheet HTML 8Page - Linear Technology LT1805CS#PBF Datasheet HTML 9Page - Linear Technology LT1805CS#PBF Datasheet HTML 10Page - Linear Technology LT1805CS#PBF Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
7
LT1803/LT1804/LT1805
180345f
The q denotes specifications which apply over the 0
°C ≤ TA ≤ 70°C
temperature range. VS = ±5V, VCM = 0V, VOUT = 0V unless otherwise noted.
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
VCM = –5V
q
0.5
3.5
mV
VCM = –5V (DD Package)
q
1.5
5
mV
VCM = –5V (SOT-23 Package)
q
1.5
7
mV
VCM = 5V
q
1.4
8.5
mV
∆VOS
Input Offset Shift
VCM = –5V to 3V
q
0.35
1.5
mV
Input Offset Voltage Match
VCM = –5V
q
0.75
5.5
mV
(Channel-to-Channel) (Note 9)
VCM = –5V (DD Package)
q
1.50
7.5
mV
VOS TC
Input Offset Voltage Drift (Note 8)
q
10
35
µV/°C
IB
Input Bias Current
VCM = –4V
q
175
1000
nA
VCM = 4.8V
q
2.5
6
µA
Input Bias Current Match
VCM = –4V
q
175
1500
nA
(Channel-to-Channel) (Note 9)
VCM = 4.8V
q
175
1800
nA
IOS
Input Offset Current
VCM = –4V
q
100
1400
nA
VCM = 4.8V
q
50
1400
nA
AVOL
Large-Signal Voltage Gain
VO = –4V to 4V, RL = 1k
q
15
47
V/mV
VO = –1.5V to 1.5V, RL = 100Ω
q
1.5
4.5
V/mV
CMRR
Common Mode Rejection Ratio
VCM = –5V to 3V
q
74
95
dB
CMRR Match (Channel-to-Channel) (Note 9)
VCM = –5V to 3V
q
68
95
dB
Input Common Mode Range
q
VS–
VS+
V
PSRR
Power Supply Rejection Ratio
VS+ = 2.5V to 10V, VS– = 0V, VOUT = VS+/2
q
65
87
dB
PSRR Match (Channel-to-Channel) (Note 9)
VS+ = 2.5V to 10V, VS– = 0V, VOUT = VS+/2
q
59
87
dB
VOL
Output Voltage Swing Low (Note 7)
No Load
q
19
80
mV
ISINK = 5mA
q
100
225
mV
ISINK = 15mA
q
220
475
mV
VOH
Output Voltage Swing High (Note 7)
No Load
q
19
80
mV
ISOURCE = 5mA
q
150
350
mV
ISOURCE = 15mA
q
460
900
mV
ISC
Short-Circuit Current (Note 3)
q
20
46
mA
IS
Supply Current per Amplifier
q
2.8
3.75
mA
GBW
Gain Bandwidth Product
Frequency = 2MHz, RL = 1k
q
80
MHz
SR
Slew Rate
AV = –1, RL = 1k, VO = ±4V,
q
84
V/
µs
Measured at VO = ±2V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com