Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LT1805CS#PBF Datasheet(PDF) 8 Page - Linear Technology

Part # LT1805CS#PBF
Description  Single/Dual/Quad 100V/s, 85MHz, Rail-to-Rail Input and Output Op Amps
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1805CS#PBF Datasheet(HTML) 8 Page - Linear Technology

Back Button LT1805CS#PBF Datasheet HTML 4Page - Linear Technology LT1805CS#PBF Datasheet HTML 5Page - Linear Technology LT1805CS#PBF Datasheet HTML 6Page - Linear Technology LT1805CS#PBF Datasheet HTML 7Page - Linear Technology LT1805CS#PBF Datasheet HTML 8Page - Linear Technology LT1805CS#PBF Datasheet HTML 9Page - Linear Technology LT1805CS#PBF Datasheet HTML 10Page - Linear Technology LT1805CS#PBF Datasheet HTML 11Page - Linear Technology LT1805CS#PBF Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
8
LT1803/LT1804/LT1805
180345f
The q denotes specifications which apply over the –40
°C ≤ TA ≤ 85°C
temperature range. VS = ±5V, VCM = 0V, VOUT = 0V unless otherwise noted. (Note 5)
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
VCM = –5V
q
1
4.0
mV
VCM = –5V (DD Package)
q
2
6.5
mV
VCM = –5V (SOT-23 Package)
q
28
mV
VCM = 5V
q
29
mV
∆VOS
Input Offset Shift
VCM = –5V to 3V
q
0.4
1.7
mV
Input Offset Voltage Match
VCM = –5V
q
1
6.5
mV
(Channel-to-Channel) (Note 9)
VCM = –5V (DD Package)
q
2
9.0
mV
VOS TC
Input Offset Voltage Drift (Note 8)
q
10
35
µV/°C
IB
Input Bias Current
VCM = –4V
q
250
1200
nA
VCM = 4.8V
q
2.5
6.5
µA
Input Bias Current Match
VCM = –4V
q
200
2000
nA
(Channel-to-Channel) (Note 9)
VCM = 4.8V
q
250
2200
nA
IOS
Input Offset Current
VCM = –4V
q
100
1600
nA
VCM = 4.8V
q
50
1600
nA
AVOL
Large-Signal Voltage Gain
VO = –4V to 4V, RL = 1k
q
12
45
V/mV
VO = –1V to 1V, RL = 100Ω
q
1.4
5.3
V/mV
CMRR
Common Mode Rejection Ratio
VCM = –5V to 3V
q
73
95
dB
CMRR Match (Channel-to-Channel) (Note 9)
VCM = –5V to 3V
q
67
95
dB
Input Common Mode Range
q
VS–
VS+
V
PSRR
Power Supply Rejection Ratio
VS+ = 2.5V to 10V, VS– = 0V, VOUT = VS+/2
q
64
86
dB
PSRR Match (Channel-to-Channel) (Note 9)
VS+ = 2.5V to 10V, VS– = 0V, VOUT = VS+/2
q
58
86
dB
VOL
Output Voltage Swing Low (Note 7)
No Load
q
20
90
mV
ISINK = 5mA
q
110
250
mV
ISINK = 10mA
q
170
350
mV
VOH
Output Voltage Swing High (Note 7)
No Load
q
20
90
mV
ISOURCE = 5mA
q
170
400
mV
ISOURCE = 10mA
q
300
600
mV
ISC
Short-Circuit Current (Note 3)
q
12.5
34
mA
IS
Supply Current per Amplifier
q
2.9
4.25
mA
GBW
Gain Bandwidth Product
Frequency = 2MHz, RL = 1k
q
75
MHz
SR
Slew Rate
AV = –1, RL = 1k, VO = ±4V,
q
65
V/
µs
Measured at VO = ±2V
Note 1: Absolute Maximium Ratings are those values beyond which the
life of the device may be impaired.
Note 2: The inputs are protected by back-to-back diodes and by ESD
diodes to supply rails. If the differential input voltage exceeds 1.4V, or if an
input is driven beyond the supply rails, the input current should be limited
to less than 10mA. This parameter is not tested; however it is guaranteed
by characterization.
Note 3: A heat sink may be required to keep the junction temperature
below the absolute maximum rating when the output is shorted
indefinitely.
Note 4: The LT1803C/LT1803I, LT1804C/LT1804I and LT1805C/LT1805I
are guaranteed functional over the temperature range of –40
°C and 85°C.
Note 5: The LT1803C/LT1804C/LT1805C are guaranteed to meet specified
performance from 0
°C to 70°C. The LT1803C/LT1804C/LT1805C are
designed, characterized and expected to meet specified performance from
–40
°C to 85°C but are not tested or QA sampled at these temperatures.
The LT1803I/LT1804I/LT1805I are guaranteed to meet specified perfor-
mance from –40
°C to 85°C.
Note 6: Minimum supply voltage is guaranteed by power supply rejection
ratio test.
Note 7: Output voltage swings are measured between the output and
power supply rails.
Note 8: This parameter is not 100% tested.
Note 9: Matching parameters are the difference between amplifiers A and
D and between B and C on the LT1805; between the two amplifiers on the
LT1804.
Note 10: Full power bandwidth is based on slew rate:
FPBW = SR/2
πVP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com