Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SS14M Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # SS14M
Description  Surface Mount Schottky Barrier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SS14M Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  SS14M Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SS14M Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd SS14M Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd SS14M Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd SS14M Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
CREAT BY ART
PART NO.
Note 1: "x" defines voltage from 30V (SS13M) to 60V (SS16M)
Note 2: Whole series with green compound
PART NO.
SS16M
SS16M
(TA=25℃ unless otherwise noted)
Document Number: DS_D1406008
Version: J14
SS13M thru SS16M
Taiwan Semiconductor
PACKING CODE
RS
Micro SMA
GREEN COMPOUND
CODE
RATINGS AND CHARACTERISTICS CURVES
GREEN COMPOUND
CODE
ORDERING INFORMATION
PREFERRED P/N
Suffix "G"
PACKING CODE
EXAMPLE
SS1xM
(Note 1, 2)
RS
SS16M RSG
PACKAGE
AEC-Q101
QUALIFIED
RS
PACKING
3,000 / 7" Plastic reel
G
AEC-Q101
QUALIFIED
Green compound
DESCRIPTION
SS16MHRSG
H
RS
G
AEC-Q101 Qualified
Green compound
0
0.2
0.4
0.6
0.8
1
1.2
0
25
50
75
100
125
150
LEAD TEMPERATURE (oC)
FIG.1 MAXIMUM FORWARD CURRENT
DERATING CURVE
0
10
20
30
40
110
100
NUMBER OF CYCLES AT 60 Hz
FIG. 2 MAXIMUM FORWARD SURGE CURRENT
8.3ms Single Half Sine-Wave
0.01
0.1
1
10
100
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
FORWARD VOLTAGE (V)
FIG. 3 TYPICAL FORWARD CHARACTERISTICS
- SS13M/14M
TJ=150℃
TJ=125℃
TJ=25℃
0.01
0.1
1
10
100
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
FORWARD VOLTAGE (V)
FIG. 4 TYPICAL FORWARD CHARACTERISTICS
- SS16M
TJ=25℃
TJ=125℃
TJ=150℃
RESISTIVE OR
INDUVTIVE



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com