Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SS14M Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # SS14M
Description  Surface Mount Schottky Barrier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SS14M Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  SS14M Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SS14M Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd SS14M Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd SS14M Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd SS14M Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
CREAT BY ART
- Very low profile - typical height of 0.68mm
- Low power loss, high efficiency
- Ideal for automated placement
- Halogen-free according to IEC 61249-2-21 definition
Molding compound, UL flammability classification rating 94V-0
Base P/N with suffix "G" on packing code - Green compound (halogen-free)
Base P/N with prefix "H" on packing code - AEC-Q101 qualified
Terminal:
Matte tin plated leads, solderable per JESD22-B102
Meet JESD 201 class 1A whisker test
with prefix "H" on packing code meet JESD 201 class 2 whisker test
SYMBOL
UNIT
VRRM
V
IF(AV)
A
TYP
MAX
0.51
-
0.46
-
0.64
0.68
0.57
0.60
TYP
MAX
550
μA
310
mA
6.7
-
mA
Cj
pF
TJ
OC
TSTG
OC
Document Number: DS_D1406008
Version: J14
SS13M thru SS16M
Taiwan Semiconductor
Surface Mount Schottky Barrier
FEATURES
- Moisture sensitivity level: level 1, per J-STD-020
- Compliant to RoHS Directive 2011/65/EU and
in accordance to WEEE 2002/96/EC
Weight:
0.006 g (approximately)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (TA=25℃ unless otherwise noted)
PARAMETER
Marking code
MECHANICAL DATA
Case:
Micro SMA
Micro SMA
Polarity:
Indicated by cathode band
SS13M
SS14M
Maximum repetitive peak reverse voltage
Maximum average forward rectified current
1
Peak forward surge current, 8.3 ms single half sine-wave
superimposed on rated load
IFSM
25
30
40
60
A
Maximum instantaneous forward voltage (Note 1)
@ 0.5A / TJ=25 ℃
@ 0.5A / TJ=125 ℃
@ 1.0A / TJ=25 ℃
@ 1.0A / TJ=125 ℃
VF
V
TYP
MAX
0.55
0.50
Typical thermal resistance
RθJL
RθJC
RθJA
30
40
125
50
40
Note 2: Measured at 1 MHz and Applied Reverse Voltage of 4.0 V D.C.
Storage temperature range
-55 to +150
Note 1: Pulse test with PW=300μs, 1% duty cycle
OC/W
Operating junction temperature range
-55 to +150
Maximum reverse current @ rated VR
@ TJ=25 ℃
@ TJ=125 ℃
@ TJ=150 ℃
IR
TYP
MAX
550
Typical junction capacitance (Note 2)
5.3
SS16M
AB
C
310
-
0.45
0.35
0.52
0.46
-
-


Similar Part No. - SS14M

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SS14M TSC-SS14M Datasheet
176Kb / 3P
1.0Amp Surface Mount Schottky Barrier Rectifier
logo
Nihon Kaiheiki Industry...
SS14MBH2 NKK-SS14MBH2 Datasheet
149Kb / 5P
Ultra-Miniature Slides
SS14MBH4 NKK-SS14MBH4 Datasheet
149Kb / 5P
Ultra-Miniature Slides
SS14MBP2 NKK-SS14MBP2 Datasheet
149Kb / 5P
Ultra-Miniature Slides
SS14MBP4 NKK-SS14MBP4 Datasheet
149Kb / 5P
Ultra-Miniature Slides
More results

Similar Description - SS14M

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BAT54TG PANJIT-BAT54TG_09 Datasheet
111Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER
logo
Taiwan Semiconductor Co...
TSS42U TSC-TSS42U_14 Datasheet
186Kb / 4P
Surface Mount Schottky Barrier
logo
Pan Jit International I...
BAT54 PANJIT-BAT54_16 Datasheet
147Kb / 4P
SURFACE MOUNT SCHOTTKY BARRIER
BAT54FN2 PANJIT-BAT54FN2_16 Datasheet
191Kb / 4P
SURFACE MOUNT SCHOTTKY BARRIER
BAT54FN2-AU PANJIT-BAT54FN2-AU Datasheet
194Kb / 4P
SURFACE MOUNT SCHOTTKY BARRIER
BAT54STB-AU PANJIT-BAT54STB-AU_16 Datasheet
246Kb / 5P
SURFACE MOUNT SCHOTTKY BARRIER
BAT54TB PANJIT-BAT54TB_16 Datasheet
279Kb / 5P
SURFACE MOUNT SCHOTTKY BARRIER
BAT54TM PANJIT-BAT54TM_16 Datasheet
146Kb / 5P
SURFACE MOUNT SCHOTTKY BARRIER
SS0840WS PANJIT-SS0840WS_16 Datasheet
212Kb / 5P
SURFACE MOUNT SCHOTTKY BARRIER
BAT42W PANJIT-BAT42W_16 Datasheet
211Kb / 5P
SURFACE MOUNT SCHOTTKY BARRIER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com