Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTC1155CS8 Datasheet(PDF) 10 Page - Linear Technology

Part # LTC1155CS8
Description  Dual High Side Micropower MOSFET Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1155CS8 Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC1155CS8 Datasheet HTML 6Page - Linear Technology LTC1155CS8 Datasheet HTML 7Page - Linear Technology LTC1155CS8 Datasheet HTML 8Page - Linear Technology LTC1155CS8 Datasheet HTML 9Page - Linear Technology LTC1155CS8 Datasheet HTML 10Page - Linear Technology LTC1155CS8 Datasheet HTML 11Page - Linear Technology LTC1155CS8 Datasheet HTML 12Page - Linear Technology LTC1155CS8 Datasheet HTML 13Page - Linear Technology LTC1155CS8 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
LTC1155
S
APPLICATI
TYPICAL
X-NOR Fault Detection
High Side Driver with VDS Sense Short-Circuit Shutdown
Low Side Driver with Drain End Current Sensing
Low Side Driver with Source End Current Sensing
1155 TA04
1/2
LTC1155
GND
G1
DS1
VS
IN1
4.5V TO 6V
30k
270k
5V
10
µF
LOAD
0.01
µF
*
IRLZ24
*ANY 74C OR 74HC LOGIC GATE.
MOSFET SHUTS DOWN IF VDS > 1V
+
Truth Table
IN
OUT
CONDITION
FLT
0
0
Switch OFF
1
1
0
Short Circuit
0
0
1
Open Load
0
1
1
Switch ON
1
1155 TA05
1/2
LTC1155
GND
G1
DS1
VS
IN1
4.5V TO 6V
0.1
Ω
100k
10
µF
LOAD
IRLD024
FAULT
10k
74C266
+
1155 TA06
1/2
LTC1155
GND
G1
DS1
VS
IN1
5V
0.05
Ω
5%
10
µF
LOAD
SMP25N05
+
1155 TA07
1/2
LTC1155
GND
G1
DS1
VS
IN1
5V
51
Ω
10
µF
LOAD
SMP25N05
*DO NOT SUBSTITUTE. MUST BE A PRECISION, SINGLE
SUPPLY, MICROPOWER OP AMP (IQ < 60µA)
–
+
51
Ω
0.02
Ω
5%
LT®1077*
VLOAD
6
7
3
2
4
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com