Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTC1155CS8 Datasheet(PDF) 11 Page - Linear Technology

Part # LTC1155CS8
Description  Dual High Side Micropower MOSFET Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1155CS8 Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC1155CS8 Datasheet HTML 7Page - Linear Technology LTC1155CS8 Datasheet HTML 8Page - Linear Technology LTC1155CS8 Datasheet HTML 9Page - Linear Technology LTC1155CS8 Datasheet HTML 10Page - Linear Technology LTC1155CS8 Datasheet HTML 11Page - Linear Technology LTC1155CS8 Datasheet HTML 12Page - Linear Technology LTC1155CS8 Datasheet HTML 13Page - Linear Technology LTC1155CS8 Datasheet HTML 14Page - Linear Technology LTC1155CS8 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11
LTC1155
S
APPLICATI
TYPICAL
Using the Second Channel for Fault Detection
Bootstrapped Gate Drive for (100Hz < FO < 10kHz)
5V/3A Extremely Low Voltage Drop Regulator with 10
µA Standby
Current and Short-Circuit Protection
Automotive High Side Driver with Reverse-Battery
and High Voltage Transient Protection
1155 TA08
1/2
LTC1155
GND
G1
DS1
VS
IN1
9V TO 16V
0.02
Ω
5%
10
µF
VALVE,
ETC.
MTP50N05E
*PROTECTS TTL/CMOS GATES DURING HIGH VOLTAGE
TRANSIENT OR REVERSE BATTERY
**NOT REQUIRED FOR INDUCTIVE OR RESISTIVE LOADS
5V
100k*
18V
1N4746A
18V
1N4746A
RDLY**
CDLY**
M
300
Ω
1/4W
+
1155 TA10
LTC1155
GND
G1
DS2
VS
IN1
4.5V TO 5.5V
0.05
Ω
10
µF
LOAD
SMD25N05-45L
NOTE:
DRAIN SENSE 2 IS USED TO DETECT A FAULT IN CHANNEL 1.
GATE 2 PULLS DOWN ON DRAIN SENSE 1 TO DISCHARGE
THE MOSFET AND REPORT THE FAULT TO THE
µP
*NOT REQUIRED FOR RESISTIVE OR INDUCTIVE LOADS
0.1
µF*
100k
µP OR
CONTROL
LOGIC
1N4148
1N4148
30k*
IN2
G2
DS1
FLT
ON/OFF
100k
+
1155 TA11
1/2
LTC1155
GND
G1
DS1
VS
IN1
9V TO 18V
0.01
Ω
IRFZ44
RISE AND FALL TIMES ARE
βETA TIMES FASTER
30k
µP OR
CMOS/TTL
LOGIC
2N2222
VGATE = 2VS – 0.6V
1N4148
0.01
µF
0.1
µF
LOAD
5V
18V
2N3906
1155 TA09
1/2
LTC1155
GND
G1
DS1
VS
IN1
5.2V TO 6V
0.02
Ω
10
µF
IRLR024
*CAPACITOR ESR SHOULD BE LESS THAN 0.5
Ω
300k
0.1
µF
ON/OFF
100k
0.1
µF
200pF
10k
1
3
4
5
6
7
8
LT1431
5V/3A
470
µF*
FAULT
+
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com