Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTC4001 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC4001
Description  2A Synchronous Buck Li-Ion Charger
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4001 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC4001_15 Datasheet HTML 5Page - Linear Technology LTC4001_15 Datasheet HTML 6Page - Linear Technology LTC4001_15 Datasheet HTML 7Page - Linear Technology LTC4001_15 Datasheet HTML 8Page - Linear Technology LTC4001_15 Datasheet HTML 9Page - Linear Technology LTC4001_15 Datasheet HTML 10Page - Linear Technology LTC4001_15 Datasheet HTML 11Page - Linear Technology LTC4001_15 Datasheet HTML 12Page - Linear Technology LTC4001_15 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
9
LTC4001
4001f
OPERATIO
Overvoltage, Chip Overtemperature and Short-Circuit
Current Protection
The LTC4001 includes overvoltage, chip overtemperature
and several varieties of short-circuit protection.
A comparator turns off both chargers (high rate and
trickle) if battery voltage exceeds the float voltage by
approximately 5%. This may occur in situations where the
battery is accidentally disconnected while battery charg-
ing is underway.
A comparator continuously monitors on-chip temperature
and will shut off the battery charger when chip temperature
exceeds approximately 160
°C. Battery charging will be
enabled again when temperature drops to approximately
150
°C.
Short-circuit protection is provided in several different
ways. First, a hard short on the battery terminals will
cause the charge to enter trickle charge mode, limiting
charge current to the trickle charge current (typically
50mA). Second, PWM charging is prevented if the high
rate charge current is programmed far above the 2A
maximum recommended charge current (via the PROG
pin). Third, an overcurrent comparator monitors the peak
inductor current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com