Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTC4001 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC4001
Description  2A Synchronous Buck Li-Ion Charger
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4001 Datasheet(HTML) 4 Page - Linear Technology

  LTC4001_15 Datasheet HTML 1Page - Linear Technology LTC4001_15 Datasheet HTML 2Page - Linear Technology LTC4001_15 Datasheet HTML 3Page - Linear Technology LTC4001_15 Datasheet HTML 4Page - Linear Technology LTC4001_15 Datasheet HTML 5Page - Linear Technology LTC4001_15 Datasheet HTML 6Page - Linear Technology LTC4001_15 Datasheet HTML 7Page - Linear Technology LTC4001_15 Datasheet HTML 8Page - Linear Technology LTC4001_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
4
LTC4001
4001f
TYPICAL PERFOR A CE CHARACTERISTICS
Oscillator Frequency vs VIN
Oscillator Frequency
vs Temperature
Dissipation of Figure 8 Circuit
vs IBAT
PROG Pin Characteristic
(VPROG vs IPROG)
Dissipation of Figure 8 Circuit
vs VIN
Trickle Charge Current vs VBAT
VFLOAT and Recharge Battery
Threshold Voltage vs Temperature
Output Charging Characteristic
Showing Constant Current and
Constant Voltage Operation
(TA = 25°C unless otherwise noted)
VIN (V)
3
–0.25
0
0.25
4.5
5.5
4001 G01
–0.50
–0.75
–1.00
3.5
4
5
0.50
0.75
1.00
6
VBAT = 3.2V
VSS = 1V
IPROG (mA)
0
0.8
1.0
15
4001 G05
0.6
0.4
510
20
0.2
0
1.2
VIN = 5V
VBAT = 3.2V
VBAT = 4V
VBAT = 3.5V
VBAT = 3.7V
VBAT (V)
0
0
0.5
1.0
1.5
2.0
0.5
1
1.5
2
4001 G06
2.5
3
3.5
4
VBAT (V)
0
40
45
50
55
0.5
1
1.5
2
4001 G07
2.5
3
VIN = 5.5V
VIN = 5V
VIN = 4V
VIN = 4.5V
TEMPERATURE (
°C)
–50
0.4
0.6
0.8
110
4001 G02
0.2
0
–0.2
–30 –10 10 30 50 70 90
130 150
VIN = 5V
VBAT = 3.2V
VSS = 1V
IBAT (mA)
500
0.50
0.75
4001 G03
0.25
0
1000
1500
2000
1.25
1.00
VIN = 5V
VBAT = 4V
VIN (V)
4.25
1.0
1.2
1.4
5.25
4001 G04
0.8
0.6
4.5
4.75
5
5.5
0.4
0.2
0
IBAT = 2A
VBAT = 4V
IBAT = 1.5A
IBAT = 1A
IBAT = 500mA
TEMPERATURE (
°C)
4.0
4.1
4.2
4.3
–10
30
70
110
4001 G08
150
–30
–50
10
50
90
130
VFLOAT
VRECHARGE
(VBAT FALLING)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com