Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TESDF5V0ARFG Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TESDF5V0ARFG
Description  Bi-directional ESD Protection Diode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TESDF5V0ARFG Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TESDF5V0ARFG Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TESDF5V0ARFG Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TESDF5V0ARFG Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TESDF5V0ARFG Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TESDF5V0ARFG Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Small Signal Product
- Meet IEC61000-4-2 (ESD) ±15kV (air), ±8kV (contact)
- Meet IEC61000-4-4 (EFT) rating. 40A (5/50ns)
- Meet IEC61000-4-5 (Lightning) rating. 12A (8/20μs)
- Protects two directional I/O lines
- Working voltage: 5V
- Pb free version and RoHS compliant
- Packing code with suffix "G" means
green compound (halogen-free)
- Case: SOT-23 small outline plastic package
- Weight: 8 ± 0.5 mg
- Marking code: L50
- Cell Phone Handsets and Accessories
- Microprocessor Based Equipment
- Industrial Controls
- Notebooks, Desktops, and Servers
- Set-Top Box
SYMBOL
UNIT
PPP
W
IPP
A
TJ , TSTG
oC
SYMBOL
UNIT
VRWM
V
V(BR)
V
IR
μA
CJ
pF
Document Number: DS_S1501018
Version: C15
Junction Capacitance
VR = 0 V , f = 1.0 MHz
10
Peak Pulse Current (tp=8/20μs)
2.5
Clamping Voltage
IPP = 1 A
VC
-9.8
V
IPP = 2.5 A
-15
Reverse Breakdown Voltage
IR = 1 mA
6-
Reverse Leakage Current
VR = 5 V
-1
Junction and Storage Temperature Range
-55 to +150
PARAMETER
MIN
MAX
Reverse Stand-Off Voltage
-
5
Peak Pulse Power (tp=8/20μs waveform)
100
ESD per IEC 61000-4-2 (Air)
VESD
± 15
KV
ESD per IEC 61000-4-2 (Contact)
± 8
- Terminal: Matte tin plated, lead free., solderable
per MIL-STD-202, Method 208 guaranteed
- High temperature soldering guaranteed : 260°C/10s
APPLICATIONS
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (TA=25°C unless otherwise noted)
PARAMETER
VALUE
TESDF5V0A
Taiwan Semiconductor
Bi-directional ESD Protection Diode
FEATURES
SOT-23
MECHANICAL DATA


Similar Part No. - TESDF5V0ARFG

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TESDF5V0A TSC-TESDF5V0A Datasheet
174Kb / 4P
Bi-Directional ESD Protection Array
TESDF5V0AU TSC-TESDF5V0AU Datasheet
202Kb / 4P
ESD Protection Array
TESDF5V0AU TSC-TESDF5V0AU Datasheet
264Kb / 5P
ESD Protection Array
TESDF5V0AURFG TSC-TESDF5V0AURFG Datasheet
264Kb / 5P
ESD Protection Array
TESDF5V0AU TSC-TESDF5V0AU_15 Datasheet
264Kb / 5P
ESD Protection Array
More results

Similar Description - TESDF5V0ARFG

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJSD03LCFN2 PANJIT-PJSD03LCFN2 Datasheet
64Kb / 3P
BI-DIRECTIONAL ESD PROTECTION DIODE
PJSD05LCFN2 PANJIT-PJSD05LCFN2 Datasheet
117Kb / 3P
BI-DIRECTIONAL ESD PROTECTION DIODE
logo
Taiwan Semiconductor Co...
TESDD5V0HC TSC-TESDD5V0HC Datasheet
275Kb / 3P
Bi-directional ESD Protection Diode
logo
Pan Jit International I...
PJSD05LCTM-AU PANJIT-PJSD05LCTM-AU Datasheet
179Kb / 5P
BI-DIRECTIONAL ESD PROTECTION DIODE
logo
Taiwan Semiconductor Co...
TESDLX TSC-TESDLX Datasheet
219Kb / 4P
Bi-directional ESD Protection Diode
TESDC5V0 TSC-TESDC5V0_15 Datasheet
202Kb / 4P
Bi-directional ESD Protection Diode
TESDC5V0LC TSC-TESDC5V0LC_15 Datasheet
207Kb / 4P
Bi-directional ESD Protection Diode
TESDL5V0 TSC-TESDL5V0_15 Datasheet
206Kb / 5P
Bi-directional ESD Protection Diode
logo
Pan Jit International I...
PJSD03LCTM PANJIT-PJSD03LCTM Datasheet
258Kb / 5P
BI-DIRECTIONAL ESD PROTECTION DIODE
logo
First Silicon Co., Ltd
FTV05CBDFN1006 FS-FTV05CBDFN1006 Datasheet
318Kb / 3P
Bi-directional ESD Protection Diode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com