Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTC1418C Datasheet(PDF) 2 Page - Linear Technology

Part # LTC1418C
Description  Low Power, 14-Bit, 200ksps ADC with Serial and Parallel I/O
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1418C Datasheet(HTML) 2 Page - Linear Technology

  LTC1418C Datasheet HTML 1Page - Linear Technology LTC1418C Datasheet HTML 2Page - Linear Technology LTC1418C Datasheet HTML 3Page - Linear Technology LTC1418C Datasheet HTML 4Page - Linear Technology LTC1418C Datasheet HTML 5Page - Linear Technology LTC1418C Datasheet HTML 6Page - Linear Technology LTC1418C Datasheet HTML 7Page - Linear Technology LTC1418C Datasheet HTML 8Page - Linear Technology LTC1418C Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
2
LTC1418
ABSOLUTE MAXIMUM RATINGS
(Notes 1, 2)
Supply Voltage (VDD) ................................................. 6V
Negative Supply Voltage (VSS)
Bipolar Operation Only ........................... – 6V to GND
Total Supply Voltage (VDD to VSS)
Bipolar Operation Only ....................................... 12V
Analog Input Voltage (Note 3)
Unipolar Operation .................. – 0.3V to (VDD + 0.3V)
Bipolar Operation........... (VSS – 0.3V) to (VDD + 0.3V)
Digital Input Voltage (Note 4)
Unipolar Operation ................................ – 0.3V to 10V
Bipolar Operation.........................(VSS – 0.3V) to 10V
Digital Output Voltage
Unipolar Operation .................. – 0.3V to (VDD + 0.3V)
Bipolar Operation........... (VSS – 0.3V) to (VDD + 0.3V)
Power Dissipation .............................................. 500mW
Operation Temperature Range
LTC1418C................................................ 0
°C to 70°C
LTC1418I ............................................ – 40
°C to 85°C
Storage Temperature Range ................. – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec).................. 300
°C
PACKAGE/ORDER INFORMATION
ORDER PART
NUMBER
Consult factory for Military grade parts.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
TOP VIEW
G PACKAGE
28-LEAD PLASTIC SSOP
N PACKAGE
28-LEAD NARROW PDIP
28
27
26
25
24
23
22
21
20
19
18
17
16
15
AIN
+
AIN
–
VREF
REFCOMP
AGND
D13 (MSB)
D12
D11
D10
D9
D8
D7
D6
DGND
VDD
VSS
BUSY
CS
CONVST
RD
SHDN
SER/PAR
D0 (EXT/INT)
D1 (DOUT)
D2 (CLKOUT)
D3 (SCLK)
D4 (EXTCLKIN)
D5
LTC1418ACG
LTC1418ACN
LTC1418AIG
LTC1418AIN
LTC1418CG
LTC1418CN
LTC1418IG
LTC1418IN
CC
HARA TERISTICS
CO VERTER
LTC1418
LTC1418A
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
Resolution (No Missing Codes)
q
13
14
Bits
Integral Linearity Error
(Note 7)
q
±0.8
±2
±0.5
±1.25
LSB
Differential Linearity Error
q
±0.7
±1.5
±0.35
±1
LSB
Offset Error
(Note 8)
q
±5
±20
±2
±10
LSB
Full-Scale Error
Internal Reference
±10
±60
±20
±60
LSB
External Reference = 2.5V
±5
±30
±5
±15
LSB
Full-Scale Tempco
IOUT(REF) = 0, Internal Reference, Commercial
q
±15
±10
±45
ppm/
°C
IOUT(REF) = 0, Internal Reference, Industrial
±20
ppm/
°C
IOUT(REF) = 0, External Reference
±5
±1
ppm/
°C
With internal reference (Notes 5, 6) unless otherwise noted.
PUT
I
A
A
LOG
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN
Analog Input Range (Note 9)
4.75V
≤ VDD ≤ 5.25V (Unipolar)
q
0 to 4.096
V
4.75V
≤ VDD ≤ 5.25V, –5.25V ≤ VSS ≤ –4.75V (Bipolar)
q
±2.048
V
IIN
Analog Input Leakage Current
CS = High
q
±1
µA
CIN
Analog Input Capacitance
Between Conversions (Sample Mode)
25
pF
During Conversions (Hold Mode)
5
pF
tACQ
Sample-and-Hold Acquisition Time
Commercial
q
300
1000
ns
Industrial
q
300
1000
ns
(Note 5)
TJMAX = 110°C, θJA = 95°C/ W (G)
TJMAX = 110°C, θJA = 100°C/ W (N)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com