Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTC1418C Datasheet(PDF) 21 Page - Linear Technology

Part # LTC1418C
Description  Low Power, 14-Bit, 200ksps ADC with Serial and Parallel I/O
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1418C Datasheet(HTML) 21 Page - Linear Technology

Back Button LTC1418C Datasheet HTML 17Page - Linear Technology LTC1418C Datasheet HTML 18Page - Linear Technology LTC1418C Datasheet HTML 19Page - Linear Technology LTC1418C Datasheet HTML 20Page - Linear Technology LTC1418C Datasheet HTML 21Page - Linear Technology LTC1418C Datasheet HTML 22Page - Linear Technology LTC1418C Datasheet HTML 23Page - Linear Technology LTC1418C Datasheet HTML 24Page - Linear Technology LTC1418C Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
21
LTC1418
APPLICATIONS INFORMATION
THREE
STATE
BUFFER
THREE
STATE
BUFFER
23
RD
17
• • •
SCLK*
CS
25
EXTCLKIN*
16
EXT/INT*
BUSY
*PINS 16 TO 20 ARE LABELED WITH THEIR SERIAL FUNCTIONS
1418 F20
20
DOUT*
19
CLKOUT*
18
26
SHIFT
REGISTER
INTERNAL
CLOCK
16 CONVERSION CLOCK CYCLES
EOC
DATA
IN
14
DATA
OUT
CLOCK
INPUT
• • •
SAR
Figure 20. Functional Block Diagram for Serial Mode (SER/PAR = High)
asynchronous clocks. To maintain accuracy the external
conversion clock frequency must be between 30kHz and
4.5MHz.) The SAR sends an end of conversion signal,
EOC, that gates the external conversion clock so that only
16 clock cycles can go into the SAR, even if the external
clock, EXTCLKIN, contains more than 16 cycles.
When CS and RD are low, these 16 cycles of conversion
clock (whether internally or externally generated) will
appear on CLKOUT during each conversion and then
CLKOUT will remain low until the next conversion. If
desired, CLKOUT can be used as a master clock to drive
the serial port. Because CLKOUT is running during the
conversion, it is important to avoid excessive loading that
can cause large supply transients and create noise. For
the best performance, limit CLKOUT loading to 20pF.
Serial Port
The serial port in Figure 20 is made up of a 16-bit shift
register and a three-state output buffer that are con-
trolled by three inputs: SCLK, RD and CS. The serial port
has one output, DOUT, that provides the serial output
data.
The SCLK is used to clock the shift register. Data may be
clocked out with the internal conversion clock operating
as a master by connecting CLKOUT (Pin 18) to SCLK (Pin
17) or with an external data clock applied to D3 (SCLK).
The minimum number of SCLK cycles required to
transfer a data word is 14. Normally, SCLK contains 16
clock cycles for a word length of 16 bits; 14 bits with MSB
first, followed by two trailing zeros.
A logic high on RD disables SCLK and three-states DOUT.
In case of using a continuous SCLK, RD can be controlled
to limit the number of shift clocks to the desired number
(i.e., 16 cycles) and to three-state DOUT after the data
transfer.
A logic high on CS three-states the DOUT output buffer. It
also inhibits conversion when it is tied high. In power
shutdown mode (SHDN = low), a high CS selects sleep
mode while a low CS selects nap mode. For normal serial
port operation, CS can be grounded.
DOUT outputs the serial data; 14 bits, MSB first, on the
falling edge of each SCLK (see Figures 21 and 22). If 16
SCLKs are provided, the 14 data bits will be followed by



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com