Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

B3L30LP Datasheet(PDF) 3 Page - Diodes Incorporated

Part # B3L30LP
Description  3A SCHOTTKY BARRIER RECTIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

B3L30LP Datasheet(HTML) 3 Page - Diodes Incorporated

  B3L30LP_15 Datasheet HTML 1Page - Diodes Incorporated B3L30LP_15 Datasheet HTML 2Page - Diodes Incorporated B3L30LP_15 Datasheet HTML 3Page - Diodes Incorporated B3L30LP_15 Datasheet HTML 4Page - Diodes Incorporated B3L30LP_15 Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
B3L30LP
Document number: DS30915 Rev. 11 - 2
3 of 5
www.diodes.com
March 2014
© Diodes Incorporated
B3L30LP
0
V , INSTANTANEOUS FORWARD VOLTAGE (V)
Fig. 1 Typical Forward Characteristics
F
0.2
0.4
0.6
0.8
1
T = 150°C
A
T = 125°C
A
T = 100°C
A
T = -55°C
A
T = 0°C
A
T = 25°C
A
T = 85°C
A
0.01
0.1
1
10
100
0.001
010
20
30
V , INSTANTANEOUS REVERSE VOLTAGE (V)
Fig. 2 Typical Reverse Characteristics
R
0.01
0.1
1
10
100
0.0001
0.001
T = 100°C
A
T = -55°C
A
T = 0°C
A
T = 25°C
A
T = 85°C
A
V , DC REVERSE VOLTAGE (V)
Fig. 3 Total Capacitance vs. Reverse Voltage
R
0
200
400
600
800
0
5
10
15
20
25
30
f = 1.0 MHz
15
45
30
165
150
135
120
105
90
75
60
010
20
30
V , DC REVERSE VOLTAGE (V)
Fig. 4 Operating Temperature Derating
R



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com