Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M2V64S20BTP-7L Datasheet(PDF) 1 Page - Mitsubishi Electric Semiconductor

Part # M2V64S20BTP-7L
Description  64M bit Synchronous DRAM
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M2V64S20BTP-7L Datasheet(HTML) 1 Page - Mitsubishi Electric Semiconductor

  M2V64S20BTP-7L Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M2V64S20BTP-7L Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M2V64S20BTP-7L Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M2V64S20BTP-7L Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M2V64S20BTP-7L Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M2V64S20BTP-7L Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M2V64S20BTP-7L Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M2V64S20BTP-7L Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M2V64S20BTP-7L Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 52 page
background image
Apr. '99
MITSUBISHI LSIs
MITSUBISHI ELECTRIC
SDRAM (Rev.1.2)
M2V64S20BTP-7,-7L,-8,-8L,-8A,-10,-10L (4-BANK x 4194304-WORD x 4-BIT)
M2V64S30BTP-7,-7L,-8,-8L,-8A,-10,-10L (4-BANK x 2097152-WORD x 8-BIT)
M2V64S40BTP-7,-7L,-8,-8L,-8A,-10,-10L (4-BANK x 1048576-WORD x 16-BIT)
64M bit Synchronous DRAM
1
DESCRIPTION
The M2V64S20BTP is organized as 4-bank x 4194304-word x 4-bit, M2V64S30BTP is
organized as 4-bank x 2097152-word x 8-bit, and M2V64S40BTP is organized as 4-bank x
1048576-word x 16-bit Synchronous DRAM with LVTTL interface. All inputs and outputs are
referenced to the rising edge of CLK. The M2V64S20BTP, M2V64S30BTP, M2V64S40BTP
achieve very high speed data rate up to 125MHz, and are suitable for main memory or
graphic memory in computer systems.
FEATURES
- Single 3.3v ± 0.3v power supply
- Fully synchronous operation referenced to clock rising edge
- 4 bank operation controlled by BA0, BA1 (Bank Address)
- /CAS latency- 2/3 (programmable)
- Burst length- 1/2/4/8/Full Page (programmable)
- Burst type- sequential / interleave (programmable)
- Column access - random
- Burst Write / Single Write (programmable)
- Auto refresh and Self refresh
- 4096 refresh cycles /64ms
- Column address A0-A9 (x4), A0-A8(x8), A0-A7(x16)
- LVTTL Interface
- 400-mil, 54-pin Thin Small Outline Package (TSOP II) with 0.8mm lead pitch
Max.
Frequency
CLK Access
Time
M2V64S20BTP
M2V64S30BTP
M2V64S40BTP
125MHz
6ns
- Clock frequency 125MHz /100MHz
100MHz(CL3)
6ns
-8A
100MHz(CL2)
6ns
- Auto precharge / All bank precharge controlled by A10
-7, -7L
-8, -8L
-10, -10L
100MHz
8ns


Similar Part No. - M2V64S20BTP-7L

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M2V64S20BTP-6 MITSUBISHI-M2V64S20BTP-6 Datasheet
655Kb / 52P
64M bit Synchronous DRAM
More results

Similar Description - M2V64S20BTP-7L

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M2V64S20BTP-6 MITSUBISHI-M2V64S20BTP-6 Datasheet
655Kb / 52P
64M bit Synchronous DRAM
logo
NEC
UPD4564323 NEC-UPD4564323 Datasheet
1Mb / 84P
64M-bit Synchronous DRAM 4-bank, LVTTL
logo
Elpida Memory
UPD4564163 ELPIDA-UPD4564163 Datasheet
919Kb / 85P
64M-bit Synchronous DRAM 4-bank, LVTTL
logo
Mitsubishi Electric Sem...
M2V64S20DTP MITSUBISHI-M2V64S20DTP Datasheet
471Kb / 51P
64M Synchronous DRAM
M2V64S20DTP-6 MITSUBISHI-M2V64S20DTP-6 Datasheet
426Kb / 51P
64M Synchronous DRAM
logo
Etron Technology, Inc.
EM6GC16EWKE-15H ETRON-EM6GC16EWKE-15H Datasheet
835Kb / 85P
64M x 16 bit DDR3 Synchronous DRAM (SDRAM)
EM68C16CWQE-18H ETRON-EM68C16CWQE-18H Datasheet
1Mb / 58P
64M x 16 bit DDRII Synchronous DRAM (SDRAM)
EM68C16CWQE-18IH ETRON-EM68C16CWQE-18IH Datasheet
1,005Kb / 56P
64M x 16 bit DDRII Synchronous DRAM (SDRAM)
EM68C16CWQG-18IH ETRON-EM68C16CWQG-18IH Datasheet
1Mb / 60P
64M x 16 bit DDRII Synchronous DRAM (SDRAM)
logo
Alliance Semiconductor ...
AS4C64M4SA-7TCN ALSC-AS4C64M4SA-7TCN Datasheet
1Mb / 55P
64M x 4 bit Synchronous DRAM (SDRAM)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com